Electronic Components Datasheet Search
  English  ▼

X  

MAX11008 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX11008
Description  Dual RF LDMOS Bias Controller with Nonvolatile Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11008 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX11008 Datasheet HTML 40Page - Maxim Integrated Products MAX11008 Datasheet HTML 41Page - Maxim Integrated Products MAX11008 Datasheet HTML 42Page - Maxim Integrated Products MAX11008 Datasheet HTML 43Page - Maxim Integrated Products MAX11008 Datasheet HTML 44Page - Maxim Integrated Products MAX11008 Datasheet HTML 45Page - Maxim Integrated Products MAX11008 Datasheet HTML 46Page - Maxim Integrated Products MAX11008 Datasheet HTML 47Page - Maxim Integrated Products MAX11008 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
Dual RF LDMOS Bias Controller with
Nonvolatile Memory
44
______________________________________________________________________________________
ADC sample = 495 hex
<< x indicates a logical shift left by x number of bits.
>> x indicates a logical shift right by x number of bits.
1) LUT pointer = ADC sample >> (7 - PSIZE - INT)
= 495 hex >> (7 - 0 - 0)
= 495 hex >> 7
= 9 hex (9 decimal)
2) POFF = POFF << 0
= 001000 bin << 0
= 001000 bin
= 8 hex (8 decimal)
3) LUT pointer = LUT pointer + POFF
= 9 hex + 8 hex
= 11 hex (17 decimal)
4) Test LUT pointer is within the table size
Is 0
≤ LUT pointer ≤ 31?
Yes, LUT pointer does not need limiting to table size.
LUT pointer = 11 hex (17 decimal)
5) EEPROM address = (SOT << 5) + LUT pointer
= (010 << 5) + 11 hex
= 40 hex + 11 hex
= 51 hex (81 decimal)
6) The LUT data at EEPROM address 51 hex is used
for the VGATE_ calculation.
LUT Pointer Example 2 (With Interpolation)
POFF = 101000 (offset of -24)
INT = 10 (linear interpolation required/LUT pointer has
2 fractional bits)
PSIZE = 10 (7-bit LUT pointer not including any frac-
tional bits)
TSIZE = 100 (LUT has 128 data locations)
SOT = 100 (LUT starts at EEPROM address 80 hex)
ADC sample = E6A hex
<< x indicates a logical shift left by x number of bits.
>> x indicates a logical shift right by x number of bits.
1) LUT pointer = ADC sample >> (7 - PSIZE - INT)
2) = E6A hex >> (7 - 2 - 2)
= E6A hex >> 3
= 1CD hex (461 decimal)
= 111001101 bin
= 1110011.01 bin in 7.2 fixed-point format
= 73.4 hex in 7.2 fixed-point format (115.25 decimal)
Since the LUT pointer is a fixed point fractional num-
ber with 7 integer bits and 2 fractional bits, the LUT
pointer value of 1CD hex is interpreted as 73.4 hex
(115.25 decimal).
3) POFF = POFF << 1
= 101000 bin << 1
= 1010000 bin
= D0 hex (-48 decimal)
4) LUT pointer = LUT pointer + POFF
= 73.4 hex (115.25 decimal) + D0 hex (-48 decimal)
= 43.4 hex (67.25 decimal)
5) Test LUT pointer is within the table size
Is 0
≤ LUT pointer ≤ 127?
Yes, LUT pointer does not need limiting.
LUT pointer = 43.4 hex (67.25 decimal).
= (100 << 5) + LUT pointer
= 80 hex + 43.4 hex
= C3.4 hex (195.25 decimal)
The EEPROM address is a fixed-point fractional num-
ber (C3.4 hex), which falls between table entries at
address C3 hex and C4 hex. Linear interpolation is per-
formed between these two entries.
ADD1 = C3 hex (195 decimal)
ADD2 = C4 hex (196 decimal)
The interpolated data is calculated using ADD1 and
ADD2 and the corresponding data stored at these
address locations using the linear interpolation equation:
where LUT[C3 hex] and LUT[C4] are the data values
stored at EEPROM addresses C3 hex and C4 hex.
Register Address Map
Table 6 lists the addresses for all of the 16-bit registers
that are accessible through the serial interface. To read
from and write to these registers, follow the proper SPI
or I2C read and write sequences described in the
Digital Serial Interface section. Bit C7 in the command
byte controls whether data is written to or read from the
register. This is not the same bit as the I2C read/write
Interpolated Data
LUT ADD
EEPROM Address
ADD
ADD
ADD
x LUT ADD
LUT ADD
Interpolated Data
LUT C
Hex
x LUT C
Hex
LUT C
Hex
Interpolated Data
[]
([
]
[
])
[
]
.
(
[
]
[
])
=+
−
−
⎛
⎝
⎜
⎞
⎠
⎟
−
=+
−
−
⎛
⎝
⎜
⎞
⎠
⎟
−
=
1
1
21
21
3
195 25
195
196
195
43
LUT
LUT C
Hex
x LUT C
Hex
LUT C
Hex
[
]
( .
)
(
[
]
[
])
3
0 25
4
3
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com