Electronic Components Datasheet Search
  English  ▼

X  

MAX11008 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11008
Description  Dual RF LDMOS Bias Controller with Nonvolatile Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11008 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11008 Datasheet HTML 1Page - Maxim Integrated Products MAX11008 Datasheet HTML 2Page - Maxim Integrated Products MAX11008 Datasheet HTML 3Page - Maxim Integrated Products MAX11008 Datasheet HTML 4Page - Maxim Integrated Products MAX11008 Datasheet HTML 5Page - Maxim Integrated Products MAX11008 Datasheet HTML 6Page - Maxim Integrated Products MAX11008 Datasheet HTML 7Page - Maxim Integrated Products MAX11008 Datasheet HTML 8Page - Maxim Integrated Products MAX11008 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Dual RF LDMOS Bias Controller with
Nonvolatile Memory
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCS_+ = +32V, AVDD = DVDD = +5V ±5%, external VREFADC = +2.5V, external VREFDAC = +2.5V, CREF = 0.1µF, CGATE_ = 0.1nF,
VSENSE = VCS_+ - VCS_-, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CS_+, CS_- to AGND .............................................-0.3V to +34V
CS_+ to CS_-
If CS_+ > 6V .........................................................-0.3V to +6V
If CS_+ ≤ 6V .......................................................-0.3V to VCS_-
Analog Inputs/Outputs to AGND ..................................................
...........................-0.3V to the lower of (AVDD + 0.3V) and +6V
Digital Inputs/Outputs to DGND
(except SDA/DIN and SCL/SCLK)............................................
............................-0.3V to the lower of (DVDD+ 0.3V) and +6V
SDA/DIN and SCL/SCLK to DGND ..........................-0.3V to +6V
Continuous Input Current (all terminals)...........................±50mA
Continuous Power Dissipation (TA = +70°C)
48-Pin, 7mm x 7mm, TQFN (derate 27.8mW/°C above
+70°C).....................................................................2222.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-SIDE CURRENT-SENSE PGA
Common-Mode Input Voltage
Range
VCS1+,
VCS2+
532
V
Common-Mode Rejection Ratio
CMRR
5V < VCS_+ < 32V
110
dB
CS_+ Input Bias Current
ICS_+
VSENSE < 100mV over the common-mode
range
135
195
µA
CS_- Input Bias Current
ICS_-
VSENSE < 100mV over the common-mode
range
±1
µA
Gain = 25
0
100
Gain = 10
0
250
Full-Scale Sense Voltage Range
VSENSE
Gain = 2
0
1250
mV
Gain = 25
75
100
Gain = 10
75
250
Minimum Sense Voltage Range
for ±0.75% VSENSE Accuracy
Gain = 2
75
1250
mV
Gain = 25
20
100
Gain = 10
20
250
Minimum Sense Voltage Range
for ±2.5% VSENSE Accuracy
Gain = 2
20
1250
mV
Total PGAOUT Voltage Error
VSENSE = 75mV
±0.1
±0.75
%
PGAOUT Capacitive Load
CPGAOUT
50
pF
PGAOUT Settling Time
tHSCS
(Note 1)
< 25
µs
Saturation Recovery Time
Settles to within ±0.5% accuracy from
VSENSE = 3 x full scale
< 45
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com