Electronic Components Datasheet Search
  English  ▼

X  

MAX11008 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX11008
Description  Dual RF LDMOS Bias Controller with Nonvolatile Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11008 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX11008 Datasheet HTML 35Page - Maxim Integrated Products MAX11008 Datasheet HTML 36Page - Maxim Integrated Products MAX11008 Datasheet HTML 37Page - Maxim Integrated Products MAX11008 Datasheet HTML 38Page - Maxim Integrated Products MAX11008 Datasheet HTML 39Page - Maxim Integrated Products MAX11008 Datasheet HTML 40Page - Maxim Integrated Products MAX11008 Datasheet HTML 41Page - Maxim Integrated Products MAX11008 Datasheet HTML 42Page - Maxim Integrated Products MAX11008 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Dual RF LDMOS Bias Controller with
Nonvolatile Memory
______________________________________________________________________________________
39
WORD ADDRESS
INTERFACE (CUSTOMER) COMMAND
BIN
DEC
HEX
MNEMONIC
TABLE
COMMENT
0010 0000
32
20
—
—
0010 0001
33
21
—
—
0010 0010
34
22
—
—
0010 0011
35
23
—
—
0010 0100
36
24
—
—
0010 0101
37
25
—
—
0010 0110
38
26
—
—
0010 0111
39
27
—
—
0010 1000
40
28
—
—
0010 1001
41
29
—
—
0010 1010
42
2A
—
—
0010 1011
43
2B
—
—
Unused. User data may
be stored here.
0010 1100
44
2C
EE_IDAC1
17
—
0010 1101
45
2D
EE_IODAC1
18
—
0010 1110
46
2E
EE_IDAC2
17
—
0010 1111
47
2F
EE_IODAC2
18
—
0011 0000
48
30
EE_PGACAL
19
—
0011 0001
49
31
EE_ADCCON
20
—
0011 0010
50
32
EE_SSHUT
21
—
0011 0011
51
33
EE_LDAC
22
—
0011 0100
52
34
Reserved
—
—
0011 0101
53
35
Reserved
—
—
0011 0110
54
36
Reserved
—
—
0011 0111
55
37
MAGIC NUMBER
—
AA55
0011 1000
56
38
Reserved
—
—
0011 1001
57
39
Reserved
—
—
0011 1010
58
4A
Reserved
—
—
0011 1011
59
4B
Reserved
—
—
0011 1100
60
4C
EE_TLUT1
5
0011 1101
61
4D
EE_ALUT1
5
0011 1110
62
4E
EE_TLUT2
5
0011 1111
63
4F
EE_ALUT2
5
LUT configuration
Table 4. EEPROM Address Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com