Electronic Components Datasheet Search
  English  ▼

X  

MAX11008 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11008
Description  Dual RF LDMOS Bias Controller with Nonvolatile Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11008 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11008 Datasheet HTML 9Page - Maxim Integrated Products MAX11008 Datasheet HTML 10Page - Maxim Integrated Products MAX11008 Datasheet HTML 11Page - Maxim Integrated Products MAX11008 Datasheet HTML 12Page - Maxim Integrated Products MAX11008 Datasheet HTML 13Page - Maxim Integrated Products MAX11008 Datasheet HTML 14Page - Maxim Integrated Products MAX11008 Datasheet HTML 15Page - Maxim Integrated Products MAX11008 Datasheet HTML 16Page - Maxim Integrated Products MAX11008 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Dual RF LDMOS Bias Controller with
Nonvolatile Memory
______________________________________________________________________________________
13
______________________________________________________________________________________
13
Pin Description
PIN
NAME
FUNCTION
1, 31
DGND
Digital Ground. Connect both DGND inputs to the same potential.
2
OPSAFE1
Output Safe Switch Logic Input 1. Drive OPSAFE1 high to close the output safe switch and clamp
GATE1 to AGND. Drive OPSAFE1 low to open the switch.
3
A0/
CS
Address-Select Input 0/Chip-Select Input. In I2C mode, this is the address-select input 0. See Table
1. In SPI mode, this is the chip-select input.
4
CNVST
Active-Low Conversion Start Input. Drive
CNVST low to begin a conversion when in clock modes 01
and 11.
5
SPI/
I2C
Interface-Select Input. Connect to DGND for I2C interface. Connect to DVDD for SPI interface.
6
ALARM
Alarm Output
7
OPSAFE2
Output Safe Switch Logic Input 2. Drive OPSAFE2 high to close the output safe switch and clamp
GATE2 to AGND. Drive OPSAFE2 low to open the switch.
8
REFDAC
DAC Reference Input/Output
9
REFADC
ADC Reference Input/Output
10
DXP1
Temperature Diode Positive Input 1. Connect DXP1 to the anode of the external diode.
11
DXN1
Temperature Diode Negative Input 1. Connect DXN1 to the cathode of the external diode.
12
DXP2
Temperature Diode Positive Input 2. Connect DXP2 to the anode of the external diode.
13
DXN2
Temperature Diode Negative Input 2. Connect DXN2 to the cathode of the external diode.
14
ADCIN1
ADC Auxiliary Input 1
15
ADCIN2
ADC Auxiliary Input 2
16
PGAOUT2
Programmable-Gain Amplifier Output 2
17
GATE2
Gate-Drive Amplifier Output 2
18
GATE1
Gate-Drive Amplifier Output 1
19, 25, 30,
34–39, 42, 48
N.C.
No Connection. Not internally connected. Leave unconnected.
20, 24
AVDD
Analog-Supply Input. Connect both AVDD inputs to the same potential.
21, 22, 23
AGND
Analog Ground. Connect all AGND inputs to the same potential.
26
CS2+
Current-Sense Positive Input 2. CS2+ is the external sense-resistor connection to the LDMOS 2 supply.
27
CS2-
Current-Sense Negative Input 2. CS2- is the external sense-resistor connection to the LDMOS 2 drain.
28
CS1-
Current-Sense Negative Input 1. CS1- is the external sense-resistor connection to the LDMOS 1 drain.
29
CS1+
Current-Sense Positive Input 1. CS1+ is the external sense-resistor connection to the LDMOS 1 supply.
32, 33, 47
DVDD
Digital-Supply Input. Connect all DVDD inputs to the same potential. Connect a 0.1µF capacitor to
DVDD.
40
PGAOUT1
Programmable-Gain Amplifier Output 1
41
A2/N.C.
Address-Select Input 2/N.C. In I2C mode, this pin is the address-select input 2. See Table 1. In SPI
mode, this is a no connection pin.
43
SCL/SCLK
Serial-Clock Input. SCL is the I2C-compatible clock input. SCLK is the SPI-compatible clock input.
44
SDA/DIN
Serial-Data Input/Output. SDA is the I2C-compatible input/output. DIN is the SPI-compatible data input.
45
A1/DOUT
Address-Select Input 1/Data Out. In I2C mode, this is the address-select input 1. See Table 1. In SPI
mode, this is the serial-data output. Data is clocked out on the falling edge of SCLK. DOUT is a high-
impedance output when
CS is driven high.
46
BUSY
Busy Output. BUSY goes high to indicate activity.
—
EP
Exposed Pad. Connect EP to AGND. Internally connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com