Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 14Page - NXP Semiconductors PCF2123 Datasheet HTML 15Page - NXP Semiconductors PCF2123 Datasheet HTML 16Page - NXP Semiconductors PCF2123 Datasheet HTML 17Page - NXP Semiconductors PCF2123 Datasheet HTML 18Page - NXP Semiconductors PCF2123 Datasheet HTML 19Page - NXP Semiconductors PCF2123 Datasheet HTML 20Page - NXP Semiconductors PCF2123 Datasheet HTML 21Page - NXP Semiconductors PCF2123 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
18 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
Values shown in decimal.
[1]
Values shown in decimal.
[1]
Values shown in decimal.
Table 19.
Register Hour_alarm (address 0Ah) bits description
Bit
Symbol
Value
Description
7
AEN_H
0
hour alarm is enabled
1
hour alarm is disabled
6
-
-
unused
12 hour mode
5
AMPM
0
indicates AM
1
indicates PM
4 to 0
HOUR_ALARM
01 to 12[1]
this register holds the hour alarm information coded in
BCD format when in 12 hour mode
24 hour mode
5 to 0
HOUR_ALARM
00 to 23[1]
this register holds the hour alarm information coded in
BCD format when in 24 hour mode
Table 20.
Register Day_alarm (address 0Bh) bits description
Bit
Symbol
Value
Description
7
AEN_D
0
day alarm is enabled
1
day alarm is disabled
6
-
-
unused
5 to 0
DAY_ALARM
01 to 31[1]
this register holds the day alarm information coded in
BCD format
Table 21.
Register Weekday_alarm (address 0Ch) bits description
Bit
Symbol
Value
Description
7
AEN_W
0
weekday alarm is enabled
1
weekday alarm is disabled
3 to 6
-
-
unused
2 to 0
WEEKDAY_
ALARM
0to6[1]
this register holds the weekday alarm information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com