Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 16Page - NXP Semiconductors PCF2123 Datasheet HTML 17Page - NXP Semiconductors PCF2123 Datasheet HTML 18Page - NXP Semiconductors PCF2123 Datasheet HTML 19Page - NXP Semiconductors PCF2123 Datasheet HTML 20Page - NXP Semiconductors PCF2123 Datasheet HTML 21Page - NXP Semiconductors PCF2123 Datasheet HTML 22Page - NXP Semiconductors PCF2123 Datasheet HTML 23Page - NXP Semiconductors PCF2123 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
20 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
To prevent the timer flags being overwritten while clearing AF, a logical AND is performed
during a write access. Writing a logic 1 will cause the flag to maintain its value, whereas
writing a logic 0 will cause the flag to be reset.
The following tables show what instruction must be sent to clear bit AF. In this example, bit
MSF and bit TF are unaffected.
9.8 Timer functions
The countdown timer has four selectable source clocks allowing for countdown periods in
the range from 244
µs to 4 h 15 min. There are also two pre-defined timers which can be
used to generate an interrupt once per second or once per minute. For periods greater
than 4 hours, the alarm function can be used.
Registers 01h, 0Eh and 0Fh are used to control the timer function and output.
[1]
Values of COF[2:0] see Table 35.
Table 22.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
MSF
-
AF
TF
-
-
Table 23.
Example to clear only AF (bit 3) in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
1
-
0
1
-
-
Table 24.
Register Timer_clkout (address 0Eh) bits description
Bit
Symbol
Value
Description
Reference
7
-
-
unused
-
6 to 4 COFx
[1]
CLKOUT control
Section 9.10
3
TE
0
countdown timer is disabled
Section 9.8.2
1
countdown timer is enabled
2
-
-
unused
1 to 0 CTD
00
4.096 kHz countdown timer source clock
01
64 Hz countdown timer source clock
10
1 Hz countdown timer source clock
11
1
⁄60 Hz countdown timer source clock
Table 25.
Register Countdown_timer (address 0Ah) bits description
Bit
Symbol
Value
Description
Reference
7 to 0 COUNTDOWN_
TIMER
0h to FFh
countdown value = n;
Section 9.8.2
CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com