Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 19Page - NXP Semiconductors PCF2123 Datasheet HTML 20Page - NXP Semiconductors PCF2123 Datasheet HTML 21Page - NXP Semiconductors PCF2123 Datasheet HTML 22Page - NXP Semiconductors PCF2123 Datasheet HTML 23Page - NXP Semiconductors PCF2123 Datasheet HTML 24Page - NXP Semiconductors PCF2123 Datasheet HTML 25Page - NXP Semiconductors PCF2123 Datasheet HTML 26Page - NXP Semiconductors PCF2123 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
23 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
If a new value of n is written before the end of the current timer period, then this value will
take immediate effect. NXP does not recommend changing n without first disabling the
counter (by setting bit TE = 0). The update of n is asynchronous to the timer clock,
therefore changing it without setting bit TE = 0 may result in a corrupted value loaded into
the countdown counter which results in an undetermined countdown period for the first
period. The countdown value n will, however, be correctly stored and correctly loaded on
subsequent timer periods.
When the countdown timer flag is set, an interrupt signal on INT will be generated
provided that this mode is enabled. See Section 9.9.2 for details on how the interrupt can
be controlled.
When starting the timer for the first time, the first period will have an uncertainty which is a
result of the enable instruction being generated from the interface clock which is
asynchronous from the timer source clock. Subsequent timer periods will have no such
delay. The amount of delay for the first timer period will depend on the chosen source
clock, see Table 29.
At the end of every countdown, the timer sets the countdown timer flag (bit TF). Bit TF
may only be cleared by software. The asserted bit TF can be used to generate an
interrupt (INT). The interrupt may be generated as a pulsed signal every countdown
period or as a permanently active signal which follows the condition of bit TF. Bit TI_TP is
used to control this mode selection and the interrupt output may be disabled with bit TIE,
see Table 6.
When reading the timer, the current countdown value is returned and not the initial
value n. For accurate read back of the countdown value, the SPI-bus clock (SCL) must be
operating at a frequency of at least twice the selected timer clock. Since it is not possible
to freeze the countdown timer counter during read back, it is recommended to read the
register twice and check for consistent results.
Timer source clock frequency selection of 1 Hz and 1
⁄
60 Hz will be affected by the
Offset_register. The duration of a program period will vary according to when the offset is
initiated. For example, if a 100 s timer is set using the 1 Hz clock as source, then some
100 s periods will contain correction pulses and therefor be longer or shorter depending
on the setting of the Offset_register. See Section 9.11 to understand the operation of the
Offset_register.
Table 29.
First period delay for timer counter value n
Timer source clock
Minimum timer period
Maximum timer period
4.096 kHz
n
n + 1
64 Hz
n
n + 1
1 Hz
(n
− 1) + 1⁄64 Hz
n + 1
⁄64 Hz
1
⁄60 Hz
(n
− 1) + 1⁄64 Hz
n + 1
⁄64 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com