Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 12Page - NXP Semiconductors PCF2123 Datasheet HTML 13Page - NXP Semiconductors PCF2123 Datasheet HTML 14Page - NXP Semiconductors PCF2123 Datasheet HTML 15Page - NXP Semiconductors PCF2123 Datasheet HTML 16Page - NXP Semiconductors PCF2123 Datasheet HTML 17Page - NXP Semiconductors PCF2123 Datasheet HTML 18Page - NXP Semiconductors PCF2123 Datasheet HTML 19Page - NXP Semiconductors PCF2123 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
16 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
Values shown in decimal.
[1]
Values shown in decimal.
Table 15.
Register Months (address 07h) bits description
Bit
Symbol
Value
Description
7 to 5
-
-
unused
4 to 0
MONTHS
01 to 12[1]
this register holds the current month coded in BCD
format, see Table 16
Table 16.
Month assignments
Month
Upper-digit
Digit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
X
X
X
00001
February
X
X
X
0
0
0
1
0
March
X
X
X
0
0
0
1
1
April
X
X
X
0
0
1
0
0
May
X
X
X
00101
June
X
X
X
00110
July
X
X
X
00111
August
X
X
X
0
1
0
0
0
September
X
X
X
0
1
0
0
1
October
X
X
X
1
0
0
0
0
November
X
X
X
1
0
0
0
1
December
X
X
X
1
0
0
1
0
Table 17.
Register Years (address 08h) bits description
Bit
Symbol
Value
Description
7 to 0
YEARS
00 to 99[1]
this register holds the current year coded in BCD format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com