Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors PCF2123 Datasheet HTML 10Page - NXP Semiconductors PCF2123 Datasheet HTML 11Page - NXP Semiconductors PCF2123 Datasheet HTML 12Page - NXP Semiconductors PCF2123 Datasheet HTML 13Page - NXP Semiconductors PCF2123 Datasheet HTML 14Page - NXP Semiconductors PCF2123 Datasheet HTML 15Page - NXP Semiconductors PCF2123 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
12 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The oscillator may be stopped, for example, by grounding one of the oscillator pins, OSCI
or OSCO. The oscillator is also considered to be stopped during the time between
power-on and stable crystal resonance. This time may be in the range of 200 ms to 2 s
depending on crystal type, temperature and supply voltage. At power-on the OS flag is
always set.
9.5 Reset
A reset is automatically generated at power-on. A reset can also be initiated with the
software reset command. It is generally recommended to make a software reset after
power-on.
A software reset can be initiated by setting the bits 6, 4 and 3 in register Control_1 to
logic 1 and all other bits to logic 0 by sending the bit sequence 01011000 (58h), see
Figure 10. If this bit sequence is not correct, the software reset instruction will be ignored
to protect the device from accidently being reset. When sending the software instruction,
the other bits are not written.
The SPI-bus is reset whenever the chip enable pin CE is inactive.
Fig 9.
OS flag
001aai553
OS = 1 and flag can not be cleared
OS = 1 and flag can be cleared
OS flag cleared
by software
OS flag set when
oscillation stops
oscillation now stable
t
VDD
oscillation
OS flag
(1) When CE is inactive, the interface is reset.
Fig 10. Software reset command
001aai562
addr 00HEX
software reset 58HEX
R/W
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
0
b7
0
b6
1
b5
0
b4
1
b3
1
b2
0
b1
0
b0
0
internal
reset signal
CE
SCL
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com