Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 11Page - NXP Semiconductors PCF2123 Datasheet HTML 12Page - NXP Semiconductors PCF2123 Datasheet HTML 13Page - NXP Semiconductors PCF2123 Datasheet HTML 14Page - NXP Semiconductors PCF2123 Datasheet HTML 15Page - NXP Semiconductors PCF2123 Datasheet HTML 16Page - NXP Semiconductors PCF2123 Datasheet HTML 17Page - NXP Semiconductors PCF2123 Datasheet HTML 18Page - NXP Semiconductors PCF2123 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
15 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
Values shown in decimal.
[2]
Hour mode is set by the 12_24 bit in register Control_1.
[1]
Values shown in decimal.
[2]
The RTC compensates for leap years by adding a 29th day to February if the year counter contains a value
which is exactly divisible by 4, including the year 00.
[1]
These bits may be re-assigned by the user.
[2]
Values shown in decimal.
[1]
The weekday assignments may be re-defined by the user.
Table 11.
Register Hours (address 04h) bits description
Bit
Symbol
Value
Description
7 and 6
-
-
unused
12 hour mode[2]
5
AMPM
0
indicates AM
1
indicates PM
4 to 0
HOURS
01 to 12[1]
this register holds the current hours coded in BCD
format for 12 hour mode
24 hour mode[2]
5 to 0
HOURS
00 to 23[1]
this register holds the current hours coded in BCD
format for 24 hour mode
Table 12.
Register Days (address 05h) bits description
Bit
Symbol
Value
Description
7 and 6
-
-
unused
5 to 0
DAYS
01 to 31[1]
this register holds the current day coded in BCD
format[2]
Table 13.
Register Weekdays (address 06h) bits description
Bit
Symbol
Value
Description
7 to 3
-
-
unused
2to0[1]
WEEKDAYS
0 to 6[2]
this register holds the current weekday, see Table 14
Table 14.
Weekday assignments
Day[1]
Upper-digit
Digit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sunday
X
X
XXX0
0
0
Monday
X
X
XXX0
0
1
Tuesday
X
X
XXX0
1
0
Wednesday
X
X
XXX0
1
1
Thursday
X
X
XXX1
0
0
Friday
X
XXXX1
0
1
Saturday
X
X
XXX1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com