Electronic Components Datasheet Search
  English  ▼

X  

PCK953 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK953
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK953 Datasheet HTML 1Page - NXP Semiconductors PCK953 Datasheet HTML 2Page - NXP Semiconductors PCK953 Datasheet HTML 3Page - NXP Semiconductors PCK953 Datasheet HTML 4Page - NXP Semiconductors PCK953 Datasheet HTML 5Page - NXP Semiconductors PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors PCK953 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
3 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
5.2 Pin description
6.
Functional description
Refer to Figure 1 “Functional diagram”.
6.1 Function selection
Table 2.
Pin description
Symbol
Pin
Description
VCCA
1
Analog supply voltage. See Section 11 “Application information” for
design and layout considerations.
FB_CLK
2
Feedback clock input (CMOS) to comparator/phase detector.
n.c.
3, 4, 5, 6
Not connected.
GNDI
7
Ground pin associated with input circuitry.
PECL_CLK
8
LVPECL reference clock input, true.
PECL_CLK
9
LVPECL reference clock input, complementary.
MR/OE
10
Master reset/output enable input. See Table 3 “Function selection”.
VCCO
11, 15, 19,
23, 27
Supply voltage pins associated with output driver circuitry.
Q7
12
Buffered clock outputs (CMOS).
Q6
14
Q5
16
Q4
18
Q3
20
Q2
22
Q1
24
Q0
26
GNDO
13, 17, 21,
25, 29
Ground pins associated with output driver circuitry.
QFB
28
Buffered clock output intended to be fed to feedback pin FB_CLK.
PLL_EN
30
PLL enable input pin. See Table 3 “Function selection”.
BYPASS
31
Bypass input pin. See Table 3 “Function selection”.
VCO_SEL
32
VCO select input pin. See Table 3 “Function selection”.
Table 3.
Function selection
Pin
Value
Function
BYPASS
1
PLL enabled
0
PLL bypass
MR/OE
1
outputs disabled
0
outputs enabled
VCO_SEL
1
divide-by-2
0
divide-by-1
PLL_EN
1
select VCO
0
select PECL_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com