Electronic Components Datasheet Search
  English  ▼

X  

PCK953 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK953
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK953 Datasheet HTML 1Page - NXP Semiconductors PCK953 Datasheet HTML 2Page - NXP Semiconductors PCK953 Datasheet HTML 3Page - NXP Semiconductors PCK953 Datasheet HTML 4Page - NXP Semiconductors PCK953 Datasheet HTML 5Page - NXP Semiconductors PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors PCK953 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The PCK953 is a 3.3 V compatible, PLL-based clock driver device targeted for high
performance clock tree designs. With output frequencies of up to 125 MHz, and output
skews of 100 ps, the PCK953 is ideal for the most demanding clock tree designs. The
devices employ a fully differential PLL design to minimize cycle-to-cycle and phase jitter.
The PCK953 has a differential LVPECL reference input, along with an external feedback
input. These features make the PCK953 ideal for use as a zero delay, low skew fan-out
buffer. The device performance has been tuned and optimized for zero delay performance.
The MR/OE input pin will reset the internal counters and 3-state the output buffers when
driven HIGH.
The PCK953 is fully 3.3 V compatible and requires no external loop filter components. All
control inputs accept LVCMOS or LVTTL compatible levels, while the outputs provide
LVCMOS levels with the ability to drive terminated 50
Ω transmission lines. For series
terminated 50
Ω lines, each of the PCK953 outputs can drive two traces, giving the device
an effective fan-out of 1 : 18. The device is packaged in a 7 mm
× 7 mm 32-lead LQFP
package to provide the optimum combination of board density and performance.
2.
Features
I Fully integrated PLL
I Output frequency up to 125 MHz in PLL mode
I Outputs disable in high-impedance
I LQFP32 packaging
I 55 ps cycle-to-cycle jitter typical
I 9 mA quiescent current typical
I 60 ps static phase offset typical
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
clock driver
Rev. 05 — 9 October 2008
Product data sheet


Similar Part No. - PCK953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953 PHILIPS-PCK953 Datasheet
71Kb / 8P
50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
PCK953BD PHILIPS-PCK953BD Datasheet
71Kb / 8P
50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
More results

Similar Description - PCK953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953 PHILIPS-PCK953 Datasheet
71Kb / 8P
50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
logo
TAI-SAW TECHNOLOGY CO.,...
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
7.0x5.0 XO 125 MHz PECL Output Oscillator
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
3.3 V 125 MHz Multi-Output Zero Delay Buffer
logo
ON Semiconductor
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
-3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com