Electronic Components Datasheet Search
  English  ▼

X  

PCK953 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK953
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK953 Datasheet HTML 1Page - NXP Semiconductors PCK953 Datasheet HTML 2Page - NXP Semiconductors PCK953 Datasheet HTML 3Page - NXP Semiconductors PCK953 Datasheet HTML 4Page - NXP Semiconductors PCK953 Datasheet HTML 5Page - NXP Semiconductors PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors PCK953 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
5 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
9.
Dynamic characteristics
10. PLL input reference characteristics
Table 6.
Dynamic characteristics
Tamb =0 °C to 70 °C; VCC = 3.3 V ± 5 %; unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr(o)
output rise time
0.8 V to 2.0 V
0.30
0.55
0.8
ns
tf(o)
output fall time
0.8 V to 2.0 V
0.30
0.55
0.8
ns
δo
output duty cycle
45
50
55
%
tsk(o)
output skew time
output-to-output; relative to QFB
-
-
100
ps
fVCO
PLL VCO lock range
120
-
500
MHz
fo(max)
maximum output frequency
PLL mode; VCO_SEL = 1
20
-
100
MHz
PLL mode; VCO_SEL = 0
35
-
125
MHz
Bypass mode
-
-
225
MHz
tpd(lock)
input to EXT_FB delay (with
PLL locked)
fref =50MHz
−75
-
+125
ps
tpd(bypass)
input to Qn delay
PLL bypassed
3
5.2
7
ns
tPLZ-HZ
output disable time
-
-
7
ns
tPZL
output enable time
-
-
6
ns
tjit(cc)
cycle-to-cycle jitter time
peak-to-peak
-
55
100
ps
tlock
maximum PLL lock time
-
0.01
10
ms
Table 7.
PLL input reference characteristics
Tamb =0 °C to 70 °C.
Maximum and minimum input reference is limited by the VCO lock range and the feedback divider.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fref
reference input frequency
20
-
125
MHz
frefDC
reference input duty cycle
25
-
75
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com