Electronic Components Datasheet Search
  English  ▼

X  

PCK953 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCK953
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors PCK953 Datasheet HTML 9Page - NXP Semiconductors PCK953 Datasheet HTML 10Page - NXP Semiconductors PCK953 Datasheet HTML 11Page - NXP Semiconductors PCK953 Datasheet HTML 12Page - NXP Semiconductors PCK953 Datasheet HTML 13Page - NXP Semiconductors PCK953 Datasheet HTML 14Page - NXP Semiconductors PCK953 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
12 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 8.
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
15. Abbreviations
MSL: Moisture Sensitivity Level
Fig 8.
Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 11.
Abbreviations
Acronym
Description
CMOS
Complementary Metal-Oxide Semiconductor
LPF
Low-Pass Filter
LVCMOS
Low Voltage Complementary Metal-Oxide Semiconductor
LVPECL
Low Voltage Positive Emitter-Coupled Logic
LVTTL
Low Voltage Transistor-Transistor Logic
PECL
Positive Emitter-Coupled Logic
PLL
Phase-Locked Loop
RC
Resistor-Capacitor network
SPICE
Simulation Program with Integrated Circuit Emphasis
VCO
Voltage Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com