Electronic Components Datasheet Search
  English  ▼

X  

PCK953 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK953
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors PCK953 Datasheet HTML 9Page - NXP Semiconductors PCK953 Datasheet HTML 10Page - NXP Semiconductors PCK953 Datasheet HTML 11Page - NXP Semiconductors PCK953 Datasheet HTML 12Page - NXP Semiconductors PCK953 Datasheet HTML 13Page - NXP Semiconductors PCK953 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
10 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
13. Packing information
14. Soldering of SMD packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering ICs can be found in Application Note
AN10365 “Surface mount reflow
soldering description”.
14.1 Introduction to soldering
Soldering is one of the most common methods through which packages are attached to
Printed Circuit Boards (PCBs), to form electrical circuits. The soldered joint provides both
the mechanical and the electrical connection. There is no single soldering method that is
ideal for all IC packages. Wave soldering is often preferred when through-hole and
Surface Mount Devices (SMDs) are mixed on one printed wiring board; however, it is not
suitable for fine pitch SMDs. Reflow soldering is ideal for the small pitches and high
densities that come with increased miniaturization.
14.2 Wave and reflow soldering
Wave soldering is a joining technology in which the joints are made by solder coming from
a standing wave of liquid solder. The wave soldering process is suitable for the following:
• Through-hole components
• Leaded or leadless SMDs, which are glued to the surface of the printed circuit board
Not all SMDs can be wave soldered. Packages with solder balls, and some leadless
packages which have solder lands underneath the body, cannot be wave soldered. Also,
leaded SMDs with leads having a pitch smaller than ~0.6 mm cannot be wave soldered,
due to an increased probability of bridging.
The reflow soldering process involves applying solder paste to a board, followed by
component placement and exposure to a temperature profile. Leaded packages,
packages with solder balls, and leadless packages are all reflow solderable.
Key characteristics in both wave and reflow soldering are:
• Board specifications, including the board finish, solder masks and vias
Table 8.
Packing information
Type number
Ordering code
(12NC)
Package
Packing
Description
PCK953BD
9352 679 41118
SOT358-1
(LQFP32)
reel pack, SMD, 13”
180
° rotation package orientation
in reel
PCK953BD
9352 679 41128
SOT358-1
(LQFP32)
reel pack, SMD, 13”, turned
JEDEC standard package orientation
in reel
PCK953BD
9352 679 41151
SOT358-1
(LQFP32)
tray pack, bakeable, single
PCK953BD
9352 679 41157
SOT358-1
(LQFP32)
tray pack, bakeable, multiple
PCK953BD/G
9352 761 22128
SOT358-1
(LQFP32)
reel pack, SMD, 13”, turned
JEDEC standard package orientation
in reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com