Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 26Page - NXP Semiconductors TDF8599 Datasheet HTML 27Page - NXP Semiconductors TDF8599 Datasheet HTML 28Page - NXP Semiconductors TDF8599 Datasheet HTML 29Page - NXP Semiconductors TDF8599 Datasheet HTML 30Page - NXP Semiconductors TDF8599 Datasheet HTML 31Page - NXP Semiconductors TDF8599 Datasheet HTML 32Page - NXP Semiconductors TDF8599 Datasheet HTML 33Page - NXP Semiconductors TDF8599 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
30 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
[1]
Required resistor accuracy for pins ADS and MOD is 1 %; see Section 9 on page 23.
[2]
Maximum leakage current from DCP pin to ground = 3
µA.
[3]
DC output offset voltage is applied to the output during the transition between Mute mode and Operating mode in a gradual way.
[4]
I2C-bus mode only.
[5]
The transition time between Mute mode and Operating mode is determined by the time constant on the SEL_MUTE pin.
[6]
The DC load valid bit DB1[D6] must be used; Section 8.6.2.1 on page 19. The DC load enable bit IB2[D2] must be reset after each load
detection cycle to prevent amplifier hang-up incidents.
td
delay time
shutdown delay time from EN pin
low to SVRR low; SVRR < 0.1 V;
CSVR =47 µF
145
260
425
ms
shutdown delay time from pin EN
low to ACGND low; voltage on pin
ACGND < 0.1 V; Master mode
-
400
-
ms
delay in Master mode to allow
slaved devices to shutdown
fosc = 320 kHz
-50
-
ms
Speaker load impedance
RL
load resistance
stereo mode
1.6
4
-
Ω
parallel mode
0.8
-
-
Ω
Table 19.
Static characteristics …continued
Vp = 14.4 V; fosc = 320 kHz; −40 °C < Tamb < +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com