Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 10Page - NXP Semiconductors TDF8599 Datasheet HTML 11Page - NXP Semiconductors TDF8599 Datasheet HTML 12Page - NXP Semiconductors TDF8599 Datasheet HTML 13Page - NXP Semiconductors TDF8599 Datasheet HTML 14Page - NXP Semiconductors TDF8599 Datasheet HTML 15Page - NXP Semiconductors TDF8599 Datasheet HTML 16Page - NXP Semiconductors TDF8599 Datasheet HTML 17Page - NXP Semiconductors TDF8599 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
14 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
8.4.3 Parallel mode
In Parallel mode; the two output stages operate in parallel to enlarge the drive capability.
The inputs and outputs for Parallel mode must be connected on the Printed-Circuit Board
(PCB) as shown in Figure 14. The parallel connection can be made after the output filter,
as shown in Figure 14 or directly to the device output pins.
In Parallel mode, the channel 1 I2C-bus bits can be programmed using the I2C-bus.
However, clip detection must be deactivated by disabling clip detection for both channel 1
and channel 2.
Fig 13. Master and slave operation with 1
⁄2 π phase shift.
001aai783
OUT1P
phase
0
π
1/2
π
3/2
π
OUT1N
OUT2P
OUT2N
OUT1P
OUT1N
OUT2P
master
slave
OUT2N
Fig 14. Mono and Parallel modes
001aai784
IN1P
MOD
RMOD
IN2N
IN1N
OUT1N
OUT2N
OUT1P
OUT2P
+
−
−
+
IN2P
TDF8599



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com