Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDF8599 Datasheet HTML 1Page - NXP Semiconductors TDF8599 Datasheet HTML 2Page - NXP Semiconductors TDF8599 Datasheet HTML 3Page - NXP Semiconductors TDF8599 Datasheet HTML 4Page - NXP Semiconductors TDF8599 Datasheet HTML 5Page - NXP Semiconductors TDF8599 Datasheet HTML 6Page - NXP Semiconductors TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
4 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
7.
Pinning information
7.1 Pinning
Fig 2.
Heatsink up (top view) pin configuration TDF8599TH
TDF8599TH
OUT1N
IN1P
BOOT1N
IN1N
VP1
IN2P
PGND1
GNDD/HW
VDDD
VSTAB1
IN2N
BOOT1P
ACGND
OUT1P
EN
OUT2P
SEL_MUTE
BOOT2P
SVRR
PGND2
AGND
VP2
VDDA
ADS
MOD
001aai767
36
35
34
33
32
31
30
29
28
27
26
25
11
12
9
10
7
8
CLIP
BOOT2N
DIAG
OUT2N
SDA
VSTAB2
SCL
24
23
22
21
15
16
13
14
DCP
SSM
OSCIO
OSCSET
20
19
17
18
5
6
3
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com