Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 2Page - NXP Semiconductors TDF8599 Datasheet HTML 3Page - NXP Semiconductors TDF8599 Datasheet HTML 4Page - NXP Semiconductors TDF8599 Datasheet HTML 5Page - NXP Semiconductors TDF8599 Datasheet HTML 6Page - NXP Semiconductors TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors TDF8599 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
6 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
[1]
I = input, O = output, I/O = input/output, G = ground and P = power supply.
8.
Functional description
8.1 General
The TDF8599 is a dual full bridge (BTL) audio power amplifier utilizing class-D technology.
The audio input signal is converted into a Pulse-Width Modulated (PWM) signal using the
analog input and PWM control stages. A PWM signal is applied to driver circuits for both
high-side and low-side enabling the DMOS power output transistors to be driven. An
external 2nd order low-pass filter converts the PWM signal into an analog audio signal
across the loudspeakers.
CLIP
13
O
clip output; open-drain
DIAG
14
O
diagnostic output; open-drain
SDA
15
I/O
I2C-bus data input and output
SCL
16
I
I2C-bus clock input
SSM
17
master setting: Spread spectrum mode frequency
slave setting: phase lock operation
OSCSET
18
master/slave setting oscillator
master only setting: set internal oscillator frequency
OSCIO
19
I/O
external oscillator slave setting: input
internal oscillator master setting: output
DCP
20
I
DC protection input for the filtered output voltages
VSTAB2
21
decoupling internal stabilizer 2 for DMOST drivers
OUT2N
22
O
channel 2 negative PWM output
BOOT2N
23
boot 2 negative bootstrap capacitor
VP2
24
P
channel 2 power supply voltage
PGND2
25
G
channel 2 power ground
BOOT2P
26
boot 2 positive bootstrap capacitor
OUT2P
27
O
channel 2 positive PWM output
OUT1P
28
O
channel 1 positive PWM output
BOOT1P
29
boot 1 positive bootstrap capacitor
PGND1
30
G
channel 1 power ground
VP1
31
P
channel 1 power supply voltage
BOOT1N
32
boot 1 negative bootstrap capacitor
OUT1N
33
O
channel 1 negative PWM output
VSTAB1
34
decoupling internal stabilizer 1 for DMOST drivers
VDDD
35
decoupling of the internal 5 V logic supply
GNDD/HW
36
G
ground digital supply voltage
handle wafer connection
Table 3.
Pin description …continued
Symbol
Pin
Type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com