Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 30Page - NXP Semiconductors TDF8599 Datasheet HTML 31Page - NXP Semiconductors TDF8599 Datasheet HTML 32Page - NXP Semiconductors TDF8599 Datasheet HTML 33Page - NXP Semiconductors TDF8599 Datasheet HTML 34Page - NXP Semiconductors TDF8599 Datasheet HTML 35Page - NXP Semiconductors TDF8599 Datasheet HTML 36Page - NXP Semiconductors TDF8599 Datasheet HTML 37Page - NXP Semiconductors TDF8599 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
34 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
THD = 0.5 %.
(1) RDSon = 0.12 Ω (at Tj =25 °C), RS = 0.025 Ω,
tW(min) = 130 ns and IO(ocp) = 8 A (minimum).
(2) RL =1 Ω.
(3) RL =2 Ω.
(4) RL =4 Ω.
THD = 10 %.
(1) RDSon = 0.12 Ω (at Tj =25 °C), RS = 0.025 Ω,
tW(min) = 130 ns and IO(ocp) = 8 A (minimum).
(2) RL =1 Ω.
(3) RL =2 Ω.
(4) RL =4 Ω.
Fig 27. Po as a function of Vp in stereo mode with
THD = 0.5 %
Fig 28. Po as a function of Vp in stereo mode with
THD = 10 %
VP (V)
818
16
12
14
10
(1)
(2)
(3)
001aai796
40
20
60
80
Po
(W)
0
VP (V)
818
16
12
14
10
(1)
(2)
001aai797
40
20
60
80
Po
(W)
0
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com