Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 34Page - NXP Semiconductors TDF8599 Datasheet HTML 35Page - NXP Semiconductors TDF8599 Datasheet HTML 36Page - NXP Semiconductors TDF8599 Datasheet HTML 37Page - NXP Semiconductors TDF8599 Datasheet HTML 38Page - NXP Semiconductors TDF8599 Datasheet HTML 39Page - NXP Semiconductors TDF8599 Datasheet HTML 40Page - NXP Semiconductors TDF8599 Datasheet HTML 41Page - NXP Semiconductors TDF8599 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
38 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
(1) VP = 14.4 V; RL =2 Ω at 10 W.
(2) VP = 14.4 V; RL =2 Ω at 1 W.
(1) VP = 14.4 V; RL =4 Ω at 10 W.
(2) VP = 14.4 V; RL =4 Ω at 1 W.
Fig 33. THD + N as a function of frequency with a 2
Ω
load
Fig 34. THD + N as a function of frequency with a 4
Ω
load
001aai802
10−1
10−2
1
%
10−3
Hz
10
105
104
102
103
(2)
(1)
001aai803
10−1
10−2
1
%
10−3
Hz
10
105
104
102
103
(2)
(1)
PO = 1 W; VP = 14.4 V; RL =2 Ω.
(1) Channel 1 to channel 2.
(2) Channel 2 to channel 1.
PO = 1 W; VP = 14.4 V; RL =4 Ω.
(1) Channel 1 to channel 2.
(2) Channel 2 to channel 1.
Fig 35. Channel separation as a function of frequency
with a 2
Ω load
Fig 36. Channel separation as a function of frequency
with a 4
Ω load
001aai804
−80
−90
−70
−60
dB
−100
Hz
10
105
104
102
103
(2)
(1)
001aai805
−80
−90
−70
−60
dB
−100
Hz
10
105
104
102
103
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com