Electronic Components Datasheet Search
  English  ▼

X  

TDF8599 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors TDF8599 Datasheet HTML 10Page - NXP Semiconductors TDF8599 Datasheet HTML 11Page - NXP Semiconductors TDF8599 Datasheet HTML 12Page - NXP Semiconductors TDF8599 Datasheet HTML 13Page - NXP Semiconductors TDF8599 Datasheet HTML 14Page - NXP Semiconductors TDF8599 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
11 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
directly. Values for CPLL_s, CPLL_p and RPLL depend on the desired loop bandwidth
(BWPLL) of the PLL. RPLL is given by: RPLL = 8.4 × BWPLL Ω. The corresponding values for
CPLL_s and CPLL_p are given by:
(3)
Remark: CPLL_P is only needed when π/4 phase shift is selected. See Section 8.4.2 for
more detailed information.
(4)
When pin OSCIO is connected to a clock-master with Spread spectrum mode enabled,
the PLL loop bandwidth BWPLL should be 100 × fSSM.
See Table 7 for all oscillator modes.
8.4 Operation mode selection
Pin MOD is used to select specific operation modes. The resistor (RMOD) connected
between pins MOD and AGND determines the operation mode. The mode of operation
depends on whether non-I2C-bus mode or I2C-bus mode is active. This is in turn
determined by the resistor value connected between pins ADS and AGND.
a. Off
b. On
Fig 9.
Phase lock operation
Table 7.
Oscillator modes
OSCSET pin
OSCIO pin
SSM pin
Oscillator modes
Rosc > 26 kΩ
output
Cssm
master, spread spectrum
Rosc > 26 kΩ
output
shorted to AGND
master, no spread spectrum
Rosc =0 Ω
input
CPLL + RPLL
slave, PLL enabled
Rosc =0 Ω
input
shorted to AGND
slave, PLL disabled
C
PLL_p
0.032
R
PLL
BW
PLL
×
------------------------------------ F
[]
=
C
PLL_s
0.8
R
PLL
BW
PLL
×
------------------------------------ F
[]
=
001aai776
100
µA
SSM
OSCSET
PLL
001aai777
100
µA
PLL
OSCSET
RPLL
CPLL_P(1)
CPLL_s
SSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com