Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 3Page - Linear Technology LT1469CS8 Datasheet HTML 4Page - Linear Technology LT1469CS8 Datasheet HTML 5Page - Linear Technology LT1469CS8 Datasheet HTML 6Page - Linear Technology LT1469CS8 Datasheet HTML 7Page - Linear Technology LT1469CS8 Datasheet HTML 8Page - Linear Technology LT1469CS8 Datasheet HTML 9Page - Linear Technology LT1469CS8 Datasheet HTML 10Page - Linear Technology LT1469CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1469
7
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Input Offset
Voltage
Distribution of Inverting Input
Bias Current
Supply Current vs Supply Voltage
and Temperature
Input Noise Spectral Density
0.1Hz to 10Hz Voltage Noise
Total Noise vs Unmatched
Source Resistance
Input Bias Current
vs Temperature
Input Bias Current
vs Input Common Mode Voltage
Input Common Mode Range
vs Supply Voltage
INPUT OFFSET VOLTAGE (μV)
–175 –125 –75
–25
25
75
125
175
50
40
30
20
10
0
1469 G01
VS = ±15V
TA = 25°C
INVERTING INPUT BIAS CURRENT (nA)
–10 –7.5
–5
–2.5
0
2.5
5
7.5
10
40
30
20
10
0
1469 G02
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
1469 G03
5
10
15
20
6
5
4
3
2
1
85°C
25°C
–40°C
FREQUENCY (Hz)
1
1
100
1000
10
100
1k
10k
100k
1469 G04
10
0.01
1
in
en
10
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k FOR in
TIME (1s/DIV)
1469 G05
VS = ±15V
TA = 25°C
SOURCE RESISTANCE, RS (Ω)
1
10
10
1k
10k
100k
1469 G06
0.1
100
100
VS = ±15V
TA = 25°C
f = 10kHz
TOTAL
NOISE
RESISTOR
NOISE ONLY
RS
–
+
TEMPERATURE (°C)
–50
0
10
IB
–
IB
+
30
25
75
1469 G07
–10
–20
–25
0
50
100
125
–30
–40
20
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
–15
–20
0
20
0
10
1469 G08
–40
–60
–80
–10
–5
5
40
IB
–
IB
+
60
80
15
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
V–
1.0
2.0
–2.0
3
6
912
1469 G09
15
–1.0
0.5
1.5
–1.5
V+
–0.5
18
TA = 25°C
ΔVOS < 100μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com