Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 6Page - Linear Technology LT1469CS8 Datasheet HTML 7Page - Linear Technology LT1469CS8 Datasheet HTML 8Page - Linear Technology LT1469CS8 Datasheet HTML 9Page - Linear Technology LT1469CS8 Datasheet HTML 10Page - Linear Technology LT1469CS8 Datasheet HTML 11Page - Linear Technology LT1469CS8 Datasheet HTML 12Page - Linear Technology LT1469CS8 Datasheet HTML 13Page - Linear Technology LT1469CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1469
10
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Channel Separation
vs Frequency
Undistorted Output Swing
vs Frequency, VS = ± 5V
Undistorted Output Swing
vs Frequency, VS = ± 15V
Output Impedance vs Frequency
Total Harmonic Distortion
vs Frequency
Total Harmonic Distortion + Noise
vs Amplitude
Warm-Up Drift vs Time
FREQUENCY (Hz)
100
60
80
100
100k
10M
1469 G28
40
20
0
1k
10k
1M
120
140
160
100M
–PSRR
+PSRR
VS = ±15V
TA = 25°C
RL = 2k
FREQUENCY (Hz)
100
0
20
40
60
80
120
1k
10k
100k
1M
1469 G29
10M
100M
100
VS = ±15V
TA = 25°C
RL = 2k
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
140
120
100
80
60
40
20
0
1469 G30
VS = ±15V
TA = 25°C
RL = 2k
FREQUENCY (kHz)
1
4
5
6
7
8
10
100
1000
1469 G31
3
2
1
0
9
10
VS = ±5V
TA = 25°C
RL = 2k
THD < 1%
AV = 1
AV = –1
FREQUENCY (kHz)
1
0
20
25
30
10
100
1000
1469 G32
15
10
5
AV = 1
AV = –1
VS = ±15V
TA = 25°C
RL = 2k
THD < 1%
FREQUENCY (Hz)
0.01
0.1
1
10
100
10k
1M
10M
100M
1469 G33
0.001
100k
VS = ±15V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
100
1k
10k
100k
1469 G34
–80
–90
–100
–110
–120
–130
VS = ±15V
AV = 2
RL = 2k
VOUT = 10VP-P
OUTPUT SIGNAL (VRMS)
0.01
–110
–70
–60
–50
0.1
1
10
1469 G35
–80
–90
–100
VS = ±15V
VS = ±5V
TA = 25°C
AV = 1
RL = 600Ω
f = 10kHz
NOISE BW = 80kHz
TIME AFTER POWER UP (s)
0
20
40
60
80
100
120
140
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1469 G36
S0-8 ±15V
N8 ±5V
S0-8 ±5V
N8 ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com