Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 4Page - Linear Technology LT1469CS8 Datasheet HTML 5Page - Linear Technology LT1469CS8 Datasheet HTML 6Page - Linear Technology LT1469CS8 Datasheet HTML 7Page - Linear Technology LT1469CS8 Datasheet HTML 8Page - Linear Technology LT1469CS8 Datasheet HTML 9Page - Linear Technology LT1469CS8 Datasheet HTML 10Page - Linear Technology LT1469CS8 Datasheet HTML 11Page - Linear Technology LT1469CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1469
8
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
Output Short-Circuit Current
vs Temperature
Settling Time to 0.01%
vs Output Step, VS = ± 15V
Settling Time to 0.01%
vs Output Step, VS = ± 5V
Settling Time to 150μV
vs Output Step
Open-Loop Gain
vs Resistive Load
Open-Loop Gain
vs Temperature
Open-Loop Gain
vs Frequency
SUPPLY VOLTAGE (±V)
0
1
V–
4
3
2
–4
–3
–2
V+
–1
5
1469 G10
10
15
20
RL = 2k
RL = 10k
RL = 10k
TA = 25°C
RL = 2k
OUTPUT CURRENT (mA)
–20
V– 0.5
1.0
2.0
2.5
V+ –0.5
–2.0
–10
0
5
1469 G11
1.5
–1.5
–1.0
–2.5
–15
–5
10
15
20
VS = ±15V
85°C
85°C
25°C
25°C
–40°C
–40°C
TEMPERATURE (°C)
–50
10
15
25
30
35
60
45
0
50
75
1469 G12
20
50
55
40
–25
25
100
125
VS = ±15V
VIN = ±0.2V
SOURCE
SINK
SETTLING TIME (ns)
0
2
6
10
800
1469 G13
–2
–6
0
4
8
–4
–8
–10
200
400
600
1000
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±15V
TA = 25°C
RL = 1k
SETTLING TIME (ns)
300
1
3
5
700
1469 G14
–1
–3
0
2
4
–2
–4
–5
400
500
600
800
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±5V
TA = 25°C
RL = 1k
SETTLING TIME (ns)
0
2
6
10
800
1469 G15
–2
–6
0
4
8
–4
–8
–10
200
400
600
1000
VS = ±15V
TA = 25°C
AV = –1
RF = RG = 2k
CF = 8pF
LOAD RESISTANCE (Ω)
10
110
130
135
140
100
1k
10k
1469 G16
125
120
115
TA = 25°C
VS = ±5V
VS = ±15V
TEMPERATURE (°C)
–50
130
140
160
25
75
1469 G17
120
110
–25
0
50
100
125
100
90
150
RL = 2k
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M 100M
140
120
100
80
60
40
20
0
–20
1469 G18
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
VS = ±5V
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com