Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 2Page - Linear Technology LT1469CS8 Datasheet HTML 3Page - Linear Technology LT1469CS8 Datasheet HTML 4Page - Linear Technology LT1469CS8 Datasheet HTML 5Page - Linear Technology LT1469CS8 Datasheet HTML 6Page - Linear Technology LT1469CS8 Datasheet HTML 7Page - Linear Technology LT1469CS8 Datasheet HTML 8Page - Linear Technology LT1469CS8 Datasheet HTML 9Page - Linear Technology LT1469CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1469
6
1469fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, –40°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
●
●
92
92
±4.5
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR
●
V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
●
93
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12,5V, RL = 10k
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
●
●
●
●
75
75
75
75
V/mV
V/mV
V/mV
V/mV
VOUT
Maximum Output Swing
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
±15V
±15V
±5V
±5V
●
●
●
●
±12.8
±12.6
±2.8
±2.6
V
V
V
V
IOUT
Maximum Output Current
VOUT = ±12.5V, 1mV Overdrive
VOUT = ±2.5V, 1mV Overdrive
±15V
±5V
●
●
±7
±7
mA
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 0.2V Overdrive (Note 3)
±15V
●
±12
mA
SR
Slew Rate
AV = –10, RL = 2k (Note 6)
±15V
±5V
●
●
9
6
V/μs
V/μs
GBW
Gain Bandwidth Product
f = 100kHz, RL = 2k
±15V
±5V
●
●
45
40
MHz
MHz
Channel Separation
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 2k
±15V
±5V
●
●
96
96
dB
dB
IS
Supply Current
Per Amplifier
±15V
±5V
●
●
7
6.8
mA
mA
ΔVOS
Input Offset Voltage Match
S8, DF A-Grade
±15V
±5V
●
●
800
800
μV
μV
ΔIB–
Inverting Input Bias Current Match
±5V to ±15V
●
78
nA
ΔIB+
Noninverting Input Bias Current
Match
±5V to ±15V
●
158
nA
ΔCMRR
Common Mode Rejection Match
VCM = ±12.5V (Note 9)
VCM = ±2.5V (Note 9)
±15V
±5V
●
●
89
89
dB
dB
ΔPSRR
Power Supply Rejection Match
VS = ±4.5V to ±15V (Note 9)
●
90
dB
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes and two 100Ω
series resistors. If the differential input voltage exceeds 0.7V, the input
current should be limited to less than 10mA. Input voltages outside the
supplies will be clamped by ESD protection devices and input currents
should also be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: The LT1469C and LT1469I are guaranteed functional over the
operating temperature range of – 40°C to 85°C.
Note 5: The LT1469C is guaranteed to meet specified performance from
0°C to 70°C and is designed, characterized and expected to meet specified
performance from –40°C to 85°C but is not tested or QA sampled at these
temperatures. The LT1469I is guaranteed to meet specified performance
from –40°C to 85°C.
Note 6: Slew rate is measured between ±8V on the output with ±12V
swing for ±15V supplies and ±2V on the output with ±3V swing for ±5V
supplies.
Note 7: Full-power bandwidth is calculated from the slew rate. FPBW =
SR/2πVP.
Note 8: This parameter is not 100% tested.
Note 9: ΔCMRR and ΔPSRR are defined as follows: 1) CMRR and PSRR
are measured in μV/V on each amplifier; 2) the difference between the two
sides is calculated in μV/V; 3) the result is converted to dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com