Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 7Page - Linear Technology LT1469CS8 Datasheet HTML 8Page - Linear Technology LT1469CS8 Datasheet HTML 9Page - Linear Technology LT1469CS8 Datasheet HTML 10Page - Linear Technology LT1469CS8 Datasheet HTML 11Page - Linear Technology LT1469CS8 Datasheet HTML 12Page - Linear Technology LT1469CS8 Datasheet HTML 13Page - Linear Technology LT1469CS8 Datasheet HTML 14Page - Linear Technology LT1469CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1469
11
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient, AV = 1
Small-Signal Transient, AV = – 1
Large-Signal Transient, AV = 1
Large-Signal Transient, AV = – 1
Layout and Passive Components
The LT1469 requires attention to detail in board layout
in order to maximize DC and AC performance. For best
AC results (for example, fast settling time) use a ground
plane, short lead lengths and RF quality bypass capacitors
(0.01μF to 0.1μF) in parallel with low ESR bypass capaci-
tors (1μF to 10μF tantalum). For best DC performance, use
“star” grounding techniques, equalize input trace lengths
and minimize leakage (e.g., 1.5GΩ of leakage between an
input and a 15V supply will generate 10nA—equal to the
maximum IB– specification).
Board leakage can be minimized by encircling the input
circuitry with a guard ring operated at a potential close
to that of the inputs: for inverting configurations tie the
ring to ground, in noninverting connections tie the ring
to the inverting input (note the input capacitance will
increase which may require a compensating capacitor as
discussed below).
Microvolt level error voltages can also be generated in
the external circuitry. Thermocouple effects caused by
temperature gradients across dissimilar metals at the
contacts to the inputs can exceed the inherent drift of
APPLICATIONS INFORMATION
VS = ±15V
1469 G37
VS = ±15V
1469 G38
VS = ±15V
1469 G39
VS = ±15V
1469 G40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com