Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 12Page - Linear Technology LT1469CS8 Datasheet HTML 13Page - Linear Technology LT1469CS8 Datasheet HTML 14Page - Linear Technology LT1469CS8 Datasheet HTML 15Page - Linear Technology LT1469CS8 Datasheet HTML 16Page - Linear Technology LT1469CS8 Datasheet HTML 17Page - Linear Technology LT1469CS8 Datasheet HTML 18Page - Linear Technology LT1469CS8 Datasheet HTML 19Page - Linear Technology LT1469CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1469
20
1469fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2000
LT 0808 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1167
Precision Instrumentation Amplifier
Single Resistor Gain Set, 0.04% Max Gain Error, 10ppm Max Gain
Nonlinearity
LT1468
Single 90MHz, 22V/μs, 16-Bit Accurate Op Amp
75μV VOS(MAX), Single Version of LT1469
LT1468-2
Single 200MHz, 30V/μs, 16-Bit Accurate AV ≥ 2 Op Amp
75μV VOS(MAX)
LT1469-2
Dual 200MHz, 30V/μs, 16-Bit Accurate AV ≥ 2 Op Amp
75μV VOS(MAX)
LTC1595/LTC1596 16-Bit Serial Multiplying IOUT DAC
±1LSB Max INL/DNL, Low Glitch, DAC8043 16-Bit Upgrade
LTC1597
16-Bit Parallel Multiplying IOUT DAC
±1LSB Max INL/DNL, Low Glitch, On-Chip Bipolar Resistors
LTC1604
16-Bit, 333ksps Sampling ADC
± 2.5V Input, SINAD = 90dB, THD = –100dB
LTC1605
Single 5V, 16-Bit, 100ksps Sampling ADC
Low Power, ±10V Inputs, Parallel/Byte Interface
LT1723
Dual 200MHz, 70V/μs Low Noise Precision Op Amp
VS ≤ ±5V, en = 3.8nV/√Hz, –85dBc at 1MHz
LT1801
Dual 80MHz, 25V/μs Low Power Rail-to-Rail Precision Op
Amp
VS ≤ ±5V, ICC = 1.6mA, VOS ≤ 350μV
LT6221
Dual 60MHz, 20V/μs Low Power Rail-to-Rail Precision Op
Amp
VS ≤ ±5V, ICC = 0.9mA, VOS ≤ 350μV
LTC6244HV
Dual 50MHz, Low Noise, Precision CMOS Op Amp
VS ≤ ±5V, VOS ≤ 100μV, IB ≤ 75pA
16-Bit Accurate Single Ended to Differential ADC Buffer
–
+
+
–
2k
VIN
2k
–5V
–5V
5V
5V
RS
10pF
100Ω
100Ω
3000pF
3000pF
+IN
LTC1604
1/2 LT1469
1/2 LT1469
16 BITS
333ksps
ADC OUTPUTS
1469 TA04
–IN
FREQUENCY (kHz)
0
1469 TA04a
20
40
60
80
100 120 140 160
0
–20
–40
–60
–80
–100
–120
–140
fSAMPLE = 333ksps
VIN = ±1.25V
fIN = 100kHz
VS = ±5V
4096 Point FFT of ADC Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com