Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 11Page - Linear Technology LT1469CS8 Datasheet HTML 12Page - Linear Technology LT1469CS8 Datasheet HTML 13Page - Linear Technology LT1469CS8 Datasheet HTML 14Page - Linear Technology LT1469CS8 Datasheet HTML 15Page - Linear Technology LT1469CS8 Datasheet HTML 16Page - Linear Technology LT1469CS8 Datasheet HTML 17Page - Linear Technology LT1469CS8 Datasheet HTML 18Page - Linear Technology LT1469CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT1469
15
1469fa
TYPICAL APPLICATIONS
Extending 16-Bit DAC Performance to 200V Output Swing
1/2 LT1469
15V
–15V
330pF
10k
19.994k**
RSELECT***
TYPICAL
6Ω
27Ω
OUTPUT
1469 TA03
27Ω
330Ω
510Ω
–125V
1μF
15pF
1M
50k
1M
50k
330Ω
510Ω
125V
1N4148
1N4148
1k
Q5
2N2222
Q6
2N2907
Q3
2N3440*
Q1
2N5415
Q3
2N5415*
1k
50k**
50k**
50k**
50k**
Q2
2N3440
1μF
RFB
LTC1597
16 BITS
VREF
1/2 LT1469
100pF
*
**
***
HEAT SINK
VISHAY S102 RESISTOR 0.01%
1% METAL FILM RESISTOR
NOTE: FOR FURTHER EXPLANATION,
REFER TO APPLICATION NOTE 74, APPENDIX H
VOUT = 200VP-P
IOUT = 25mA
THD + N = –90dB at 100Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com