Electronic Components Datasheet Search
  English  ▼

X  

LT1469CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1469CS8 Datasheet HTML 10Page - Linear Technology LT1469CS8 Datasheet HTML 11Page - Linear Technology LT1469CS8 Datasheet HTML 12Page - Linear Technology LT1469CS8 Datasheet HTML 13Page - Linear Technology LT1469CS8 Datasheet HTML 14Page - Linear Technology LT1469CS8 Datasheet HTML 15Page - Linear Technology LT1469CS8 Datasheet HTML 16Page - Linear Technology LT1469CS8 Datasheet HTML 17Page - Linear Technology LT1469CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT1469
14
1469fa
TYPICAL APPLICATIONS
Ultralow Distortion Balanced Audio Line Driver
1/2 LT1364
10k
2.1k
22pF
33.2Ω
1/2 LT1469
10k
1k
22pF
1/2 LT1469
20k
22.1k
22pF
820pF
50 FEET SHIELDED
TWISTED PAIR CABLE
PARALLEL COMPOSITE TOPOLOGY:
LT1364 PROVIDES OUTPUT CURRENT;
LT1469 PRESERVES LINEARITY
THD + N
MEASURED HERE
820pF
1/2 LT1364
20k
24.3k
22pF
INPUT
ZIN = 10kΩ
VS = ±15V
GAIN = 6dB
1469 TA02
33.2Ω
30.1Ω
30.1Ω
600Ω
TOTAL HARMONIC DISTORTION + NOISE
VOUT
FREQUENCY
MEASUREMENT BANDWIDTH
0.00025%
10VRMS
1kHz
22kHz
0.0008%
10VRMS
20Hz TO 20kHz
80kHz
0.0006%
26dBu
1kHz
22kHz
*1dBu = 1 milliwatt into 600Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com