Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 91 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 91 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 86Page - Feature Integration Technology Inc. F71805 Datasheet HTML 87Page - Feature Integration Technology Inc. F71805 Datasheet HTML 88Page - Feature Integration Technology Inc. F71805 Datasheet HTML 89Page - Feature Integration Technology Inc. F71805 Datasheet HTML 90Page - Feature Integration Technology Inc. F71805 Datasheet HTML 91Page - Feature Integration Technology Inc. F71805 Datasheet HTML 92Page - Feature Integration Technology Inc. F71805 Datasheet HTML 93Page - Feature Integration Technology Inc. F71805 Datasheet HTML 94Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
89
Dec., 2006
V0.25P
12. F71805 Demo Circuit
Title
Size
Document Number
Rev
Date:
Sheet
of
F71805F
0.11
Feature Integration Technology Inc.
B
14
Monday , August 09, 2004
DTR1#
IRRX
IRTX
RTS1#
PD[7..0]
FLASH_SEG3_DIS
FLASH_SEG3_EN
RDATA#
LINEAR
MTRA#
LAD1
LAD2
LAD3
FLASH_SEG1_DIS
R6
1K
R1
1K
POWER_ON TRAP PINS
2E
RI1#
DCD1#
R2
1K
RTS1#
DTR1#
CTS1#
SOUT1
SIN1
DSR1#
INDEX#
RI2#
CTS2#
DCD2#
FLASH_SEG2_DIS
XBUS
ACK#
SLIN#
ERR#
AFD#
INIT#
RESERVED
STB#
4E
R3
1K
R5
1K
LRESET#
PCICLK
CLKIN
FWE#
LFRAME#
FCS#
TRK0#
PWM
2
2
4
4
6
6
8
8
10
10
12
12
14
14
16
16
18
18
20
20
22
22
24
24
26
26
28
28
30
30
32
32
34
34
1
1
3
3
5
5
7
7
9
9
11
11
13
13
15
15
17
17
19
19
21
21
23
23
25
25
27
27
29
29
31
31
33
33
J1
HEADER 17X2
FDC
PD1
PD0
VCC5V
PD4
PD3
PD2
PD5
PD6
PD7
FD2
DTR1#
PE
BUSY
SOUT1
RTS1#
ISA INTERFACE ROM
SLCT
FLOPPY CONN.
DIR#
STEP#
WPT#
DRVA#
WDATA#
MTRA#
DENSEL#
FA18
FLASH_SEG2_EN
GP05
GP06
GP01
GP02
GP04
GP03
GP00
WGATE#
HDSEL#
RDATA#
TRK0#
INDEX#
DSKCHG#
WPT#
SOUT1
VIN1
VIN3
VIN2
VIN4
VIN5
VIN6
VIN8
VIN7
VREF
D1+
D2+
D3+
OVT#
FANIN2
FANIN1
FANIN3
FAN_CTL2
FAN_CTL1
FAN_CTL3
PME#
D-
VCC3V
VCC3V
R8
4.7K
No need the Filter
(GND close to IC)
VCC3V
+
C3
0.1U
+
C2
0.1U
+
C1
0.1U
DTR2#
1
2
3
JP1
HEADER 3
VCC5V
VCC_ROM
VCC3V
R9
4.7K
RTS2#
FA0
FD0
FD1
FA1
FA2
FD2
FD3
FD4
FD5
FA4
FA3
FA6
FD7
FD6
FA5
FA16
FA15
FD0
FA14
FA13
FA17
FD1
FANCTL
GP06
FD5
FA18
FD4
GP04
GP05
GP02
GP03
GP01
GP00
R10
4.7K
SOUT2
R11
4.7K
R12
4.7K
1
2
3
4
5
6
7
8
RN1
4.7K-8P4R
R13
4.7K
1
2
3
4
5
6
7
8
RN2
4.7K-8P4R
FA8
WDATA#
WPT#
FA12
FD7
DENSEL#
RDATA#
FA7
TRK0#
FWE#
HDSEL#
DSKCHG#
A0
12
A1
11
A2
10
A3
9
A4
8
A5
7
A6
6
A7
5
A8
27
A9
26
A10
23
A11
25
A12
4
A13
28
A14
29
A15
3
A16
2
CE
22
OE
24
VPP
1
PGM
31
O0
13
O1
14
O2
15
O3
17
O4
18
O5
19
O6
20
O7
21
A17
30
VCC
32
GND
16
U1
FLASH ROM
R7
0
R4
4.7k
DIR#
VCC_ROM
FRD#
VCC_ROM
FCS#
VCC_ROM
FD3
FD6
STEP#
64
DIR#
63
WDATA#
62
N.C1
61
DRVA#
60
FA18
59
MTRA#
58
DENSEL#
57
GP07
56
GP06/VIN7_ID2
55
GP05/VIN7_ID1
54
GP04/VIN7_ID0
53
GP03/Voltage_f ault4
52
GP02/Voltage_f ault3
51
GP01/Voltage_f ault2
50
GP00/Voltage_f ault1
49
FWE#
48
FCS#
47
LFRAME#
46
LRESET#
45
CLKIN
44
GND
43
PCICLK
42
LAD3
41
LAD2
40
LAD1
39
ACK#
103
SLIN#
104
INIT#
105
ERR#
106
AFD#
107
STB#
108
PD0
109
PD1
110
PD2
111
PD3
112
PD4
113
PD5
114
PD6
115
PD7
116
GND
117
DCD1#
118
RI1#
119
CTS1#
120
DTR1#
121
RTS1#
122
DSR1#
123
SOUT1
124
SIN1
125
DCD2#
126
RI2#
127
CTS2#
128
F71805F
U2
F71805F
RTS2#
DTR2#
SOUT2
DTR2#
RTS2#
FA11
DSR2#
SOUT2
SIN2
FA9
DRVA#
FLASH_SEG1_EN
INDEX#
ROM
LAD0
LDRQ#
WGATE#
SERIRQ
FRD#
STEP#
3V
FA10
5V
DSKCHG#
F71805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com