Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F71805 Datasheet HTML 1Page - Feature Integration Technology Inc. F71805 Datasheet HTML 2Page - Feature Integration Technology Inc. F71805 Datasheet HTML 3Page - Feature Integration Technology Inc. F71805 Datasheet HTML 4Page - Feature Integration Technology Inc. F71805 Datasheet HTML 5Page - Feature Integration Technology Inc. F71805 Datasheet HTML 6Page - Feature Integration Technology Inc. F71805 Datasheet HTML 7Page - Feature Integration Technology Inc. F71805 Datasheet HTML 8Page - Feature Integration Technology Inc. F71805 Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
F71805
Dec., 2006
V0.25P
F71805
F71805 Datasheet Revision History
Version
Date
Page
Revision History
0.20P
07/07/2004
-
Preliminary Release Version.
0.21P
07/28/2004
Revised PWM frequency range.
0.22P
10/12/2004
10
Added FANCTL Functions.
22
Revised Voltage Fault Enable Register (Index 29h bit 7).
-
Modified Application Circuit.
0.23P
04/15/2005
91
Added “Green Package” ordering information
0.24P
09/05/2006
16
Modified typo.
-
Added PWM Output frequency setting description.
0.25P
12/28/2006
4
Added Patent Note.
Please note that all data and specifications are subject to change without notice. All the trade marks of products and
companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Customers using or selling these products for use
in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from such
improper use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com