Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 7Page - Feature Integration Technology Inc. F71805 Datasheet HTML 8Page - Feature Integration Technology Inc. F71805 Datasheet HTML 9Page - Feature Integration Technology Inc. F71805 Datasheet HTML 10Page - Feature Integration Technology Inc. F71805 Datasheet HTML 11Page - Feature Integration Technology Inc. F71805 Datasheet HTML 12Page - Feature Integration Technology Inc. F71805 Datasheet HTML 13Page - Feature Integration Technology Inc. F71805 Datasheet HTML 14Page - Feature Integration Technology Inc. F71805 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Dec., 2006
V0.25P
9
F71805
5.5
IEEE 1284 Parallel Port
Pin No.
Pin Name
Type
PWR
Description
100
SLCT
INts5V
VCC
An active high input on this pin indicates that the printer is
selected. Refer to the description of the parallel port for
definition of this pin in ECP and EPP mode.
101
PE
INts5V
VCC
An active high input on this pin indicates that the printer has
detected the end of the paper. Refer to the description of the
parallel port for the definition of this pin in ECP and EPP
mode.
102
BUSY
INts5V
VCC
An active high input indicates that the printer is not ready to
receive data. Refer to the description of the parallel port for
definition of this pin in ECP and EPP mode.
103
ACK#
INts5V
VCC
An active low input on this pin indicates that the printer has
received data and is ready to accept more data. Refer to the
description of the parallel port for the definition of this pin in
ECP and EPP mode.
104
SLIN#
I/OD12ts5V VCC
Output line for detection of printer selection. Refer to the
description of the parallel port for the definition of this pin in
ECP and EPP mode.
105
INIT#
I/OD12ts5V VCC
Output line for the printer initialization. Refer to the
description of the parallel port for the definition of this pin in
ECP and EPP mode.
106
ERR#
INts5V
VCC
An active low input on this pin indicates that the printer has
encountered an error condition. Refer to the description of
the parallel port for the definition of this pin in ECP and EPP
mode.
107
AFD#
I/OD12ts5V VCC
An active low output from this pin causes the printer to auto
feed a line after a line is printed. Refer to the description of
the parallel port for the definition of this pin in ECP and EPP
mode.
108
STB#
I/OD12ts5V VCC
An active low output is used to latch the parallel data into the
printer. Refer to the description of the parallel port for the
definition of this pin in ECP and EPP mode.
109
PD0
I/O12ts5V
VCC
Parallel port data bus bit 0. Refer to the description of the
parallel port for the definition of this pin in ECP and EPP
mode.
110
PD1
I/O12ts5V
VCC
Parallel port data bus bit 1.
111
PD2
I/O12ts5V
VCC
Parallel port data bus bit 2.
112
PD3
I/O12ts5V
VCC
Parallel port data bus bit 3.
113
PD4
I/O12ts5V
VCC
Parallel port data bus bit 4.
114
PD5
I/O12ts5V
VCC
Parallel port data bus bit 5.
115
PD6
I/O12ts5V
VCC
Parallel port data bus bit 6.
116
PD7
I/O12ts5V
VCC
Parallel port data bus bit 7.
5.6
H/W Monitor
Pin No.
Pin Name
Type
PWR
Description
91-98
VIN8~VIN1
AIN
VCC
Voltage input 8 ~ 1.
73-75
FAN_TAC1~
FAN_TAC3
INts
VCC
Fan tachometer inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com