Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 14Page - Feature Integration Technology Inc. F71805 Datasheet HTML 15Page - Feature Integration Technology Inc. F71805 Datasheet HTML 16Page - Feature Integration Technology Inc. F71805 Datasheet HTML 17Page - Feature Integration Technology Inc. F71805 Datasheet HTML 18Page - Feature Integration Technology Inc. F71805 Datasheet HTML 19Page - Feature Integration Technology Inc. F71805 Datasheet HTML 20Page - Feature Integration Technology Inc. F71805 Datasheet HTML 21Page - Feature Integration Technology Inc. F71805 Datasheet HTML 22Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
Dec., 2006
V0.25P
16
F71805
For instance, the register CR69h and CR6Ah are used for this mode of FAN1.
Temperature mode
At this mode, F71805 provides the clever system to automatically control fan speed related to
temperature system. The F71805 can provide three temperature boundaries and three intervals for user
setting, and each interval has its related fan speed count. All these values should be set by BIOS first. In
the F71805 design, the F71805 will auto-generate temperature boundaries (average value) between
those boundaries that user setting, and it will auto-produce interval fan speed count (average value)
between users setting value.
If the temperature value is set to 40, 50 and 90
°C, it will auto-generate two temperature boundaries
value of 45
°C (This value is calculated automatically by hardware design of the F71805. (50+40)/2 =45 )
and 70
°C. The same way, the related desired fan speed counts for each interval are 4200RPM, 3600RPM,
3000RPM, 2500RPM, 2000RPM and Stop Counts. When the temperature is within 50~70
°C, the fan
speed counts will be 3000RPM (Registers CRA4h~CRA9h, CRB4h~CRB9h and CRC4h~CRC9h). The
F71805 will auto-adjust PWMOUT (PWM_DUTY) to make fan speed match the expected value. It can be
said that the fan will be turned on with a specific speed set by BIOS and automatically controlled with the
temperature varying. The F71805 will take charge of all the fan speed control and need no software
support.
PWMOUT Duty-cycle operating process
In both “FAN SPEED” and “TEMPERATURE” modes, F71805 adjust PWMOUT (PWM_DUTY1
(CR6B) of Fan1, PWM_DUTY2 (CR7B) of Fan2, PWM_DUTY3 (CR8B) of Fan3) duty-cycle according to
current fan count and expected fan count. It will operate as follows:
(1). When expected count is FFFFh, PWMOUT duty-cycle (PWM_DUTY)will be set to 00h to turn off
fan.
(2). When expected count is 0000h, PWMOUT duty-cycle (PWM_DUTY) will be set to FFh to turn on
fan with full speed.
Desired Counts (RPM)
4200
3600
3000
2500
2000
90 Degree C
70 Degree C
50 Degree C
45 Degree C
40 Degree C
Stop Counts
Auto-Generated
(Average value)
Auto-Generated
(Average value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com