Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 17Page - Feature Integration Technology Inc. F71805 Datasheet HTML 18Page - Feature Integration Technology Inc. F71805 Datasheet HTML 19Page - Feature Integration Technology Inc. F71805 Datasheet HTML 20Page - Feature Integration Technology Inc. F71805 Datasheet HTML 21Page - Feature Integration Technology Inc. F71805 Datasheet HTML 22Page - Feature Integration Technology Inc. F71805 Datasheet HTML 23Page - Feature Integration Technology Inc. F71805 Datasheet HTML 24Page - Feature Integration Technology Inc. F71805 Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Dec., 2006
V0.25P
19
F71805
6.4
UART
The UARTs are used to convert data between parallel format and serial format. They convert parallel
data into serial format on transmission and serial format into parallel data on receiver side. The serial
format is formed by one start bit, followed by five to eight data bits, a parity bit if programmed and one
( 1.5 or 2 ) stop bits. The UARTs include complete modem control capability and an interrupt system that
may be software trailed to the computing time required to handle the communication link. They have FIFO
mode to reduce the number of interrupts presented to the host. Both receiver and transmitter have a
16-byte FIFO.
6.5
Parallel Port
The parallel port in F71805 supports an IBM XT/AT compatible parallel port ( SPP ), bi-directional
paralle port ( BPP ), Enhanced Parallel Port ( EPP ), Extended Capabilities Parallel Port ( ECP ) mode.
Refer to the configuration registers for more information on selecting the mode of operation.
7. Register Description
7.1
Global Control Registers
The configuration register is used to control the behavior of the corresponding devices. To configure
the register, using the index port to select the index and then writing data port to alter the parameters. The
default index port and data port are 0x4E and 0x4F respectively. Pull down the SOUT2/JP5 pin to change
the default value to 0x2E/0x2F. To enable configuration, the entry key 0x87 must be written to the index
port. To disable configuration, write exit key 0xAA to the index port. Following is a example to enable
configuration and disable configuration by using debug.
-o 4e 87
-o 4e 87
( enable configuration )
-o 4e aa
( disable configuration )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com