Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 9Page - Feature Integration Technology Inc. F71805 Datasheet HTML 10Page - Feature Integration Technology Inc. F71805 Datasheet HTML 11Page - Feature Integration Technology Inc. F71805 Datasheet HTML 12Page - Feature Integration Technology Inc. F71805 Datasheet HTML 13Page - Feature Integration Technology Inc. F71805 Datasheet HTML 14Page - Feature Integration Technology Inc. F71805 Datasheet HTML 15Page - Feature Integration Technology Inc. F71805 Datasheet HTML 16Page - Feature Integration Technology Inc. F71805 Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Dec., 2006
V0.25P
11
F71805
6. Function Description
6.1
Power on Strapping Options
The F71805 provides four pins for power on hardware strapping to select functions. There is a form
to describe how to set the functions you want.
Pin No.
Symbol
Value
Description
1
Fan control mode: PWM mode. ( Default)
1
JP4
0
Fan control mode: Linear mode.
1
ISA ROM Interface enable ( Default)
2
JP6
0
Reserved
1
Chip selection in configuration 4E. (Default)
5
JP5
0
Chip selection in configuration 2E.
1
Flash Rom Interface Address Segment 1 Enable (Default)
(FFFC0000h-FFFFFFFFh, 000E0000h-000FFFFFh).
121
JP1
0
Disable.
1
Flash Rom Interface Address Segment 2 Enable (Default)
(FFEE0000h-FFEFFFFFh).
122
JP2
0
Disable.
1
Flash Rom Interface Address Segment 3 Enable (Default)
(FFF80000h-FFFBFFFFh).
124
JP3
0
Disable.
6.2
Hardware Monitor
6.2.1
Analog Input
The F71805 provides 8 pins (8-bit) ADC voltage inputs. These input voltages should be positive and is
limited at range of 0v to 2.048V. The minimum resolution (1-LSB) is 8mV. If the voltage is over this range,
the divider resistor must be added and the divided voltage is also in the range of 0V to 2.048V.
The maximum input voltage of the analog pin is 2.048V because the 8-bit ADC has a 8mv LSB. Really,
the application of the PC monitoring would most often be connected to power suppliers. The voltage range
of 0V to 2.048V can be connected to these analog inputs. The 3.3V and VSB5V should be reduced a factor
with external resistors so as to obtain the input range..
There are 8 voltage inputs in the F71805 and the voltage divided formula is shown as follows:
2
1
2
12
R
R
R
V
VIN
V
+
×
=
+
For instance, where
V+12V is the analog input voltage.
If we choose R1=27K, R2=5.1K, the exact input voltage for V+12v will be 1.907V, which is within the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com