Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 45 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 45 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 41Page - Feature Integration Technology Inc. F71805 Datasheet HTML 42Page - Feature Integration Technology Inc. F71805 Datasheet HTML 43Page - Feature Integration Technology Inc. F71805 Datasheet HTML 44Page - Feature Integration Technology Inc. F71805 Datasheet HTML 45Page - Feature Integration Technology Inc. F71805 Datasheet HTML 46Page - Feature Integration Technology Inc. F71805 Datasheet HTML 47Page - Feature Integration Technology Inc. F71805 Datasheet HTML 48Page - Feature Integration Technology Inc. F71805 Datasheet HTML 49Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
Dec., 2006
V0.25P
43
F71805
6
FIFO_EN
R
0
0: FIFO is disabled
1: FIFO is enabled.
5-4 Reserved
-
-
Reserved.
3-1 IRQ_ID
R
000
000: Interrupt is caused by Modem Status
001: Interrupt is caused by Transmitter Holding Register Empty
010: Interrupt is caused by Received Data Available.
110: Interrupt is caused by Character Timeout
011: Interrupt is caused by Line Status.
0
IRQ_PENDN
R
1
1: Interrupt is not pending.
0: Interrupt is pending.
7.3.3.7
FIFO Control Register
 Base + 2
Bit
Name
R/W Default
Description
7-6 RCV_TRIG
W
00
00: Receiver FIFO trigger level is 1.
01: Receiver FIFO trigger level is 4.
10: Receiver FIFO trigger level is 8.
11: Receiver FIFO trigger level is 14.
5-3 Reserved
-
-
Reserved.
2
CLRTX
R
0
Reset the transmitter FIFO.
1
CLRRX
R
0
Reset the receiver FIFO.
0
FIFO_EN
R
0
0: Disable FIFO.
1: Enable FIFO.
7.3.3.8
Line Control Register
 Base + 3
Bit
Name
R/W Default
Description
7
DLAB
R/W
0
0: Divisor Latch can’t be accessed.
1: Divisor Latch can be accessed via Base and Base+1.
6
SETBRK
R/W
0
0: Transmitter is in normal condition.
1: Transmit a break condition.
5
STKPAR
R/W
0
4
EPS
R/W
0
3
PEN
R/W
0
XX0: Parity Bit is disable
001: Parity Bit is odd.
011: Parity Bit is even
101: Parity Bit is logic 1
111: Parity Bit is logic 0
2
STB
R/W
0
0: Stop bit is one bit
1: When word length is 5 bit stop bit is 1.5 bit
else stop bit is 2 bit
1-0 WLS
R/W
00
00: Word length is 5 bit
01: Word length is 6 bit
10: Word length is 7 bit
11: Word length is 8 bit
7.3.3.9
MODEM Control Register
 Base + 4
Bit
Name
R/W Default
Description
7-5 Reserved
R/W
-
Reserved.
4
LOOP
R/W
0
0: UART in normal condition.
1: UART is internal loop back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com