Electronic Components Datasheet Search
  English  ▼

X  

F71805 Datasheet(PDF) 32 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 32 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 28Page - Feature Integration Technology Inc. F71805 Datasheet HTML 29Page - Feature Integration Technology Inc. F71805 Datasheet HTML 30Page - Feature Integration Technology Inc. F71805 Datasheet HTML 31Page - Feature Integration Technology Inc. F71805 Datasheet HTML 32Page - Feature Integration Technology Inc. F71805 Datasheet HTML 33Page - Feature Integration Technology Inc. F71805 Datasheet HTML 34Page - Feature Integration Technology Inc. F71805 Datasheet HTML 35Page - Feature Integration Technology Inc. F71805 Datasheet HTML 36Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
Dec., 2006
V0.25P
30
F71805
0
MA
R
-
Missing Address Mark.
Set when the following conditions occurred:
1.
Cannot detect an ID address mark at the specified track after
encountering the index pulse form the INDEX# pin twice.
2.
Cannot detect a data address mark or a deleted data address mark on the
specified track.
Status Registers 2
Bit
Name
R/W Default
Description
7
Reserved
-
-
Unused. This bit is always “0”.
6
CM
R
-
Control Mark.
Set when following conditions occurred:
1.
Encounters a deleted data address mark during a READ DATA command.
2.
Encounters a data address mark during a READ DELETED DATA
command.
5
DD
R
-
Data Error in Data Field.
The FDC detects a CRC error in the data field.
4
WC
R
-
Wrong Cylinder.
Set when the track address from the sector ID field is different from the track
address maintained inside the FDC.
3
SE
R
-
Scan Equal.
Set if the equal condition is satisfied during execution of the SCAN command.
2
SN
R
-
Scan Not Satisfied.
Set when the FDC cannot find a sector on the track which meets the desired
condition during any scan command.
1
BC
R
-
Bad Cylinder.
The track address from the sector ID field is different from the track address
maintained inside the FDC and is equal to FFh which indicates a bad track.
0
MD
R
-
Missing Data Address Mark.
Set when the FDC cannot detect a data address mark or a deleted data
address mark.
Status Registers 3
Bit
Name
R/W Default
Description
7
Reserved
-
-
Unused. This bit is always “0”.
6
WP
R
-
Write Protect.
Indicates the status of WPT# pin.
5
Reserved
R
-
Unused. This bit is always “1”.
4
T0
R
-
Track 0.
Indicates the status of the TRK0# pin.
3
Reserved.
R
-
Unused. This bit is always “1”.
2
HD
R
-
Head Address.
Indicates the status of the HDSEL# pin.
1
DS1
R
-
Drive Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com