Electronic Components Datasheet Search
  English  ▼

X  

TC835 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC835
Description  PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC835 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC835 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3-71
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
20
k
6.8 k
Ω
Ω
V+
1.25V REF
TC04
V+
REF
IN
6.8V
ZENER
V+
IZ
V–
V+
ANALOG
GROUND
ANALOG
COMMON
REF
IN
ANALOG
COMMON
TC835
TC835
LATCH
LATCH
LATCH
LATCH
LATCH
COUNTERS
CONTROL LOGIC
MULTIPLEXER
POLARITY
D5
D4
D3
D2
D1
13 B1
14 B2
15 B4
16 B8
POLARITY
FF
MSB
DIGIT
DRIVE
SIGNAL
LSB
DATA
OUTPUT
24
22
25
27
28
26
21
DIGITAL
GND
CLOCK
IN
RUN/
HOLD
OVER–
RANGE
STROBE
BUSY
UNDER–
RANGE
ZERO
CROSS
DETECT
FROM
ANALOG
SECTION
INTEGRATOR
OUTPUT
OVERRANGE
WHEN
APPLICABLE
UNDERRANGE
WHEN
APPLICABLE
SYSTEM
ZERO
10,001
COUNTS
SIGNAL
INTE
10,000
COUNTS
(FIXED)
REFERENCE
INTEGRATE
20,001
COUNTS (MAX)
FULL MEASUREMENT CYCLE
40,002 COUNTS
BUSY
EXPANDED SCALE
BELOW
D5
D4
D3
D2
D1
100
COUNTS
DIGIT SCAN
STROBE
AUTO ZERO
SIGNAL
INTEGRATE
REFERENCE
INTEGRATE
D5
D4
D3
D2
D1
DIGIT SCAN
FOR
OVERRANGE
FIRST D5 OF SYSTEM ZERO
AND REFERENCE INTEGRATE
ONE COUNT LONGER.
*
*
*
Figure 5. Using an External Reference
Figure 7. Timing Diagrams for Outputs
Figure 6. Digital Section Functional Diagram
Digital Section Functional Description
The major digital subsystems within the TC835 are
illustrated in Figure 6, with timing relationships shown in
Figure 7. The multiplexed BCD output data can be displayed
on LCD or LED display with the TC7211A (LCD)
4-digit display driver.
The digital section is best described through a discus-
sion of the control signals and data outputs.
RUN/HOLD Input (Pin 25)
When left open, this pin assumes a logic "1" level. With
a R/H = 1, the TC835 performs conversions continuously,
with a new measurement cycle beginning every 40,002
clock pulses.
When R/H changes to a logic "0," the measurement
cycle in progress will be completed, and data held and
displayed as long as the logic "0" condition exists.
A positive pulse (>300nsec) at R/H initiates a new
measurement cycle. The measurement cycle in progress
when R/H initially assumed the logic "0" state must be
completed before the positive pulse can be recognized as a
single conversion run command.
TC835
PERSONAL COMPUTER
DATA ACQUISITION A/D CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com