Electronic Components Datasheet Search
  English  ▼

X  

TC835 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC835
Description  PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC835 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC835 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3-65
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC835
FEATURES
s
Upgrade of Pin-Compatible TC7135, ICL7135,
MAX7135 and SI7135
s
Guaranteed 200 kHz Operation
s
Single 5V Operation With TC7660
s
Multiplexed BCD Data Output
s
UART and Microprocessor Interface
s
Control Outputs for Auto-Ranging
s
Input Sensitivity ............................................ 100
µV
s
No Sample and Hold Required
APPLICATIONS
s
Personal Computer Data Acquisition
s
Scales, Panel Meters, Process Controls
s
HP-IL Bus Instrumentation
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC835CBU
64-Pin PQFP
0
°C to +70°C
TC835CKW
44-Pin PQFP
0
°C to +70°C
TC835CPI
28-Pin Plastic DIP
0
°C to +70°C
NOTE: Tape and reel available for 44-pin PQFP packages.
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
GENERAL DESCRIPTION
The TC835 is a low-power, 4-1/2 digit (0.005% resolu-
tion), BCD analog-to-digital converter (ADC) that has been
characterized for 200 kHz clock rate operation. The five
conversions per second rate is nearly twice as fast as the
ICL7135 or TC7135. The TC835 (like the TC7135) does
not use the external diode-resistor roll-over error compen-
sation circuits required by the ICL7135.
The multiplexed BCD data output is perfect for interfac-
ing to personal computers. The low-cost, greater than 14-
bit high-resolution, and 100
µV sensitivity makes the TC835
exceptionally cost-effective.
Microprocessor-based data acquisition systems are
supported by the BUSY and STROBE outputs, along with
the RUN/HOLD input of the TC835. The overrange, under-
range, busy, and run/hold control functions and multiplexed
BCD data outputs make the TC835 the ideal converter for
µP-based scales and measurement systems and intelligent
panel meters.*
The TC835 interfaces with full-function LCD and LED
display decoder/drivers. The UNDERRANGE and
OVERRANGE outputs may be used to implement an auto-
ranging scheme or special display functions.
*See Application Notes 16 and 17 for microprocessor interface tech-
niques.
DATA BUS
CONTROL
ADDRESS BUS
6522
-VIA-
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
CA1
CA2
PB5
PB4
PB0
PB3
PB2
PB1
CHANNEL SELECTION
GAIN SELECTION
1Y
2Y
3Y
1B
2B
3B
SEL
1A
2A
3A
157
POL
OR
UR
D5
B8
B4
B2
B1
D1
D2
D3
D4
STB
R/H
V
+
REF
CAP
BUF
AZ
INT
INPUT
+
VR
INPUT
–
ANALOG
COMMON
DGND
5V
REF
VOLTAGE
10
14
16
15
8
11
3
9
GAIN: 10, 20, 50, 100
15V
15V
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
DIFFERENTIAL
MULTIPLEXER
DG529
DA
DB
WR
A1 A0 EN
5V
+
–
–
+
fIN
fIN
LH0084
TC835
TYPICAL APPLICATION
TC835-8 11/5/96


Similar Part No. - TC835

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC835 MICROCHIP-TC835 Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
TC835CBU MICROCHIP-TC835CBU Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
TC835CKW MICROCHIP-TC835CKW Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
TC835CPI MICROCHIP-TC835CPI Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
logo
France Joint
TC835X62X8 FRANCEJOINT-TC835X62X8 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - TC835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
12-Bit Successive Approximation High Acquisition A/D Converter
logo
Microchip Technology
TC835 MICROCHIP-TC835 Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
logo
Dallas Semiconductor
DS1640 DALLAS-DS1640 Datasheet
84Kb / 4P
Personal Computer Power FET
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
CRA MERITEK-CRA Datasheet
281Kb / 1P
Personal Computer
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
DS1640 MAXIM-DS1640 Datasheet
79Kb / 4P
Personal Computer Power FET
111999
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com