Electronic Components Datasheet Search
  English  ▼

X  

TC835 Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC835
Description  PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC835 Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC835 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3-73
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC835
PERSONAL COMPUTER
DATA ACQUISITION A/D CONVERTER
The stability of the reference voltage is a major factor in
the overall absolute accuracy of the converter. For this
reason, it is recommended that a high-quality reference be
used where high-accuracy absolute measurements are
being made. Suitable references are:
Part Type
Manufacturer
TC04A
TelCom Semiconductor
TC9491
TelCom Semiconductor
APPLICATIONS INFORMATION
Component Value Selection
The integrating resistor is determined by the full-scale
input voltage and the output current of the buffer used to
charge the integrator capacitor. Both the buffer amplifier and
the integrator have a class A output stage, with 100
µA of
quiescent current. A 20
µA drive current gives negligible
linearity errors. Values of 5
µA to 40 µA give good results.
The exact value of an integrating resistor for a 20
µA current
is easily calculated.
RINT =
Integrating Capacitor
The product of integrating resistor and capacitor should
be selected to give the maximum voltage swing that ensures
the tolerance buildup will not saturate the integrator swing
(approximately 0.3V from either supply). For
±5V supplies
and ANALOG COMMON tied to supply ground, a
±3.5V to
±4V full-scale integrator swing is adequate. A 0.10 µF to 0.47
µF is recommended. In general, the value of CINT is given by:
CINT =
=
[10,000
× clock period] × IINT
Integrator output voltage swing
(10,000) (clock period) (20
µA)
Integrator output voltage swing
A very important characteristic of the integrating capaci-
tor is that it has low dielectric absorption to prevent rollover
or ratiometric errors. A good test for dielectric absorption is
to use the capacitor with the input tied to the reference. This
ratiometric condition should read half-scale 0.9999, any
deviation is probably due to dielectric absorption. Polypro-
pylene capacitors give undetectable errors at reasonable
cost. Polystyrene and polycarbonate capacitors may also be
used in less critical applications.
Auto-Zero and Reference Capacitors
The size of the auto-zero capacitor has some influence
on the noise of the system. A large capacitor reduces the
noise. The reference capacitor should be large enough such
that stray capacitance to ground from its nodes is negligible.
The dielectric absorption of the reference capacitor and
auto-zero capacitor are only important at power-on, or when
the circuit is recovering from an overload. Smaller or cheaper
capacitors can be used if accurate readings are not required
for the first few seconds of recovery.
Reference Voltage
The analog input required to generate a full-scale output
is VIN = 2 VREF.
Conversion Timing
Line Frequency Rejection
A signal integration period at a multiple of the 60 Hz line
frequency will maximize 60 Hz "line noise" rejection.
A 200 kHz clock frequency will reject 60 Hz and 400 Hz
noise. This corresponds to five readings per second.
full-scale voltage
20
µA
Conversion Rate vs Clock Frequency
Oscillator Frequency
Conversion Rate
(kHz)
(Conv/Sec)
100
2.5
120
3
200
5
300
7.5
400
10
800
20
1200
30
Oscillator Frequency
(kHz)
60 Hz
50 Hz
400 Hz
50.000
•
•
•
53.333
—
—
•
66.667
•
—
•
80.000
—
—
•
83.333
—
•
•
100.000
•
•
•
125.000
—
•
•
133.333
—
—
•
166.667
—
—
•
200.000
•
—
•
250.000
—
•
•
The conversion rate is easily calculated:
Conversion Rate
(Readings 1/sec) =
Line Frequency Rejection
Clock Frequency (Hz)
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com