Electronic Components Datasheet Search
  English  ▼

X  

TC835 Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC835
Description  PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC835 Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC835 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3-76
TELCOM SEMICONDUCTOR, INC.
PERSONAL COMPUTER
DATA ACQUISITION A/D CONVERTER
TC835
TYPICAL APPLICATIONS DIAGRAMS
4-1/2 Digit ADC with Multiplexed Common Cathode LED Display
TC04
28
27
26
25
24
23
22
21
9
8
7
6
5
4
3
2
1
REF IN
ANALOG
GND
INT
OUT
AZ IN
BUFF
OUT
CREF
+5V
–5V
6.8V
UR
DGND
POLARITY
OR
STROBE
RUN/HOLD
CLK IN
BUSY
1
2
3
4
5
6
7
8
9
SET VREF = 1V
1.22V
100
k
Ω
ANALOG
GND
0.33 µF
100 k
Ω
1 µF
47
k
Ω
150
Ω
+5V
150
Ω
10
11
12
13
14
15
16
17
18
+5V
CD4513
BE
1 µF
20
19
18
17
16
15
–INPUT
+INPUT
V
+
D5 (MSD)
B1 (LSB)
B2
(LSD) D1
D2
D3
D4
B4
(MSB) B8
10
11
12
13
14
100
k
Ω
SIG
IN
+
–
0.1
µF
+5V
fOSC = 200 kHz
+
CREF
–
V –
TC835
TC04
TC7211A
INT OUT
AZ IN
BUFF OUT
+INPUT
–INPUT
ANALOG
COMMON
REF
IN
V–
POL
V+
20
19
18
17
16
15
14
13
12
26
27
D1
D2
D3
D4
B8
B4
B2
B1
D5
STROBE
OR
5
31
32
33
34
30
29
28
27
V+
D1
D2
D3
D4
B1
BP
B3
B2
B0
GND
Q
R
S
D
CLK
CD4071
+5V
1/4 CD4030
4-1/2 DIGIT LCD
SEGMENT
DRIVE
1
35
+5V
+5V
–5V
+
–
4
5
6
10
9
3
2
1/4 CD4081
1/2 CD4030
23
CD4081
1/4 CD4030
1/2
CD4013
6.8 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
0.33 µF
1 µF
ANALOG
INPUT
1
200 kHz
22
fIN
TC835
TC7660
11
1
+5V
8
23
(–5V)
V
+
V
–
24
10 µF
5
4
10 µF
+
+
TC835
Negative Supply Voltage Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com