Electronic Components Datasheet Search
  English  ▼

X  

TC835 Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC835
Description  PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC835 Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC835 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3-75
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC835
PERSONAL COMPUTER
DATA ACQUISITION A/D CONVERTER
TYPICAL APPLICATIONS DIAGRAMS
4-1/2 Digit ADC With Multiplexed Common Anode LED Display
20
19
18
17
12
23
7
8
16
15
14
13
11
2
1
3
9
10
22
6
5
4
6
2
1
7
5
9–15
16
bc
777
7
7447
BLANK MSD ON ZERO
D1
D2
D3
D4
D5
INT OUT
AZ IN
BUFF
OUT
fIN
+INPUT
–INPUT
ANALOG
COMMON
V –
REF
IN
POL
CREF
B8
B4
B2
B1
+5V
+5V
X7
0.33µF
200 kHz
+
–
ANALOG
INPUT
1 µF
100 k
Ω
1 µF
4.7 k
Ω
1 µF
–5V
100 k
Ω
100 k
Ω
6.8 k
Ω
D
B
C
A
RBI
V
+
CREF
–
+
TC04
TC835
R2
R1
fO
GATES ARE 74C04
C
R1 R2
R1 + R2
1
2 C(0.41 RP + 0.7 R1)
1.
fO =
, RP =
a. If R1 = R2 = R1, f ≅ 0.55/RC
b. If R2 >> R1, f ≅ 0.45/R1C
c. If R2 << R1, f ≅ 0.72/R1C
2.
Examples:
a. f = 120 kHz, C = 420 pF
R1 = R2 ≈ 10.9 kΩ
b. f = 120 kHz, C = 420 pF, R2 = 50 kΩ
R1 = 8.93 kΩ
c. f = 120 kHz, C = 220 pF, R2 = 5 kΩ
R1 = 27.3 kΩ
RC Oscillator Circuit
Comparator Clock Circuits
+5V
VOUT
390 pF
30 k
Ω
7
8
2
3
16 k
Ω
0.22 µF
16 k
Ω
4
1 k
Ω
1
+5V
VOUT
2
3
1
4
7
6
R2
100 k
Ω
R2
100 k
Ω
R3
50 k
Ω
C2
10 pF
R4
2 k
Ω
C1
0.1 µF
LM311
LM311
56 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com