Electronic Components Datasheet Search
  English  ▼

X  

TC835 Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC835
Description  PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC835 Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC835 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC835 Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3-74
TELCOM SEMICONDUCTOR, INC.
PERSONAL COMPUTER
DATA ACQUISITION A/D CONVERTER
TC835
Power Supplies and Grounds
Power Supplies
The TC835 is designed to work from
±5V supplies. For
single +5V operation, a TC7660 can provide a – 5V supply.
Grounding
Systems should use separate digital and analog ground
systems to avoid loss of accuracy.
Displays and Driver Circuits
TelCom Semiconductor manufactures two display de-
coder/driver circuits to interface the TC835 to an LCD or LED
display. Each drive has 28 outputs for driving four 7-segment
digit displays.
Device
Package
Description
TC7211AIPL
40-Pin Epoxy
4-Digit LCD Driver/Decoder
Several sources exist for LCD and LED display:
Display
Manufacturer
Address
Type
Hewlett Packard
640 Page Mill Rd.
LED
Components
Palo Alto, CA 94304
Litronix, Inc.
19000 Homestead Rd.
LED
Cupertino, CA 94010
AND
720 Palomar Ave.
LCD and
Sunnyvale, CA 94086
LED
Epson America, Inc.
3415 Kanhi Kawa St.
LCD
Torrance, CA 90505
For many dedicated applications where the input signal
is always of one polarity, the delay of the comparator need
not be a limitation. Since the nonlinearity and noise do not
increase substantially with frequency, clock rates of up to
~1 MHz may be used. For a fixed clock frequency, the extra
count or counts caused by comparator delay will be a
constant and can be subtracted out digitally.
The clock frequency may be extended above 200 kHz
without this error, however, by using a low-value resistor in
series with the integrating capacitor. The effect of the
resistor is to introduce a small pedestal voltage on to the
integrator output at the beginning of the reference integrate
phase. By careful selection of the ratio between this resistor
and the integrating resistor (a few tens of ohms in the
recommended circuit), the comparator delay can be com-
pensated and the maximum clock frequency extended by
approximately a factor of 3. At higher frequencies, ringing
and second-order breaks will cause significant nonlinearities
in the first few counts of the instrument.
The minimum clock frequency is established by leakage
on the auto-zero and reference capacitors. With most de-
vices, measurement cycles as long as 10 seconds give no
measurable leakage error.
The clock used should be free from significant phase or
frequency jitter. Several suitable low-cost oscillators are
shown in the applications section. The multiplexed output
means that if the display takes significant current from the
logic supply, the clock should have good PSRR.
Zero-Crossing Flip-Flop
The flip-flop interrogates the data once every clock
pulse after the transients of the previous clock pulse and
half-clock pulse have died down. False zero-crossings caused
by clock pulses are not recognized. Of course, the flip-flop
delays the true zero-crossing by up to one count in every
instance, and if a correction were not made, the display
would always be one count too high. Therefore, the counter
is disabled for one clock pulse at the beginning of the
reference integrate (deintegrate) phase. This one-count
delay compensates for the delay of the zero-crossing flip-
flop, and allows the correct number to be latched into the
display. Similarly, a one-count delay at the beginning of
auto-zero gives an overload display of 0000 instead of 0001.
No delay occurs during signal integrate, so that true ratiometric
readings result.
High-Speed Operation
The maximum conversion rate of most dual-slope A/D
converters is limited by the frequency response of the
comparator. The comparator in this circuit follows the inte-
grator ramp with a 3
µsec delay, and at a clock frequency of
200 kHz (5
µsec period), half of the first reference integrate
clock period is lost in delay. This means that the meter
reading will change from 0 to 1 with a 50
µV input, 1 to 2 with
150
µV, 2 to 3 at 250 µV, etc. This transition at midpoint is
considered desirable by most users; however, if the clock
frequency is increased appreciably above 200 kHz, the
instrument will flash "1" on noise peaks even when the input
is shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com