Electronic Components Datasheet Search
  English  ▼

X  

LT3782AIUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LT3782AIUFD
Description  2-Phase Step-Up DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3782AIUFD Datasheet HTML 4Page - Linear Technology LT3782AIUFD Datasheet HTML 5Page - Linear Technology LT3782AIUFD Datasheet HTML 6Page - Linear Technology LT3782AIUFD Datasheet HTML 7Page - Linear Technology LT3782AIUFD Datasheet HTML 8Page - Linear Technology LT3782AIUFD Datasheet HTML 9Page - Linear Technology LT3782AIUFD Datasheet HTML 10Page - Linear Technology LT3782AIUFD Datasheet HTML 11Page - Linear Technology LT3782AIUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3782A
8
3782af
Operation
The LT3782A is a two phase constant frequency current
mode boost controller. Switching frequency can be pro-
grammed up to 500kHz. During normal switching cycles,
the two channels are controlled by internal flip-flops and
are 180 degrees out-of-phase.
Referring to the Block Diagram, the LT3782A’s basic func-
tions include a transconductance amplifier (gm) to regulate
the output voltage and to control the current mode PWM
current loop. It also includes the necessary logic and flip-
flop to control the PWM switching cycles, two high speed
gate drivers to drive high power N-channel MOSFETs, and
2-phase control signals to drive external gate drivers for
optional synchronous operation.
In normal operation, each switching cycle starts with a
switch turn-on. The inductor current of each channel is
sampled through the current sense resistor and amplified
then compared to the error amplifier output VC to turn
the switch off. The phase delay of the second channel is
controlled by the divide-by-two D flip-flop and is exactly
180 degrees out-of-phase of the first channel. With a re-
sistor divider connected to the FB pin, the output voltage
is programmed to the desired value. The 10V gate drivers
are sufficient to drive most high power N-channel MOSFET
in many industrial applications.
Additional important features include shutdown, cur-
rent limit, soft-start, synchronization and programmable
maximum duty cycle. Additional slope compensation can
be added also.
Output Voltage Programming
With a 2.44V feedback reference voltage VREF, the output
VOUT is programmed by a resistor divider as shown in
the Block Diagram.
VOUT = 2.44 1+
RF1
RF2
Soft-Start and Shutdown
During soft-start, the voltage on the SS pin (VSS) controls
the output voltage. The output voltage thus ramps up fol-
lowing VSS. The effective range of VSS is from 0V to 2.44V.
The typical time for the output to reach the programmed
level is
t =
C • 2.44V
10μA
C is the capacitor connected from the SS pin to GND.
Undervoltage Lockout and Shutdown
Only when VRUN is higher than 2.45V VGBIAS will be active
and the switching enabled. The LT3782A goes into low
current shutdown when VRUN is below 0.3V. A resistor
divider can be used on RUN pin to set the desired VCC
undervoltage lockout voltage. 80mV of hysteresis is built
in on RUN pin thresholds.
Oscillation Frequency Setting and Synchronization
The switching frequency of LT3782A can be set up to
500kHz by a resistor RFREQ from pin RSET to ground.
For fSET = 250kHz, RFREQ = 80k
Once the switching frequency fSET is chosen, RFREQ can be
found from the Switching Frequency vs RFREQ graph found
under the Typical Performance Characteristics section.
Note that because of the 2-phase operation, the internal
oscillator is running at twice the switching frequency. To
synchronize the LT3782A to the system frequency fSYSTEM,
the synchronizing frequency fSYNC should be two times
fSYSTEM, and the LT3782A switching frequency fSET should
be set below 80% of fSYSTEM.
fSYNC = 2fSYSTEM and fSET < (fSYSTEM • 0.8)
For example, to synchronize the LT3782A to 200kHz sys-
tem frequency fSYSTEM, fSYNC needs to be set at 400kHz
and fSET needs to be set at 160kHz. From the Switching
Frequency vs RFREQ graph found under the Typical Per-
formance Characteristics section, RFREQ = 130k.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com