Electronic Components Datasheet Search
  English  ▼

X  

LT3782AIUFD Datasheet(PDF) 15 Page - Linear Technology

Part # LT3782AIUFD
Description  2-Phase Step-Up DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3782AIUFD Datasheet HTML 11Page - Linear Technology LT3782AIUFD Datasheet HTML 12Page - Linear Technology LT3782AIUFD Datasheet HTML 13Page - Linear Technology LT3782AIUFD Datasheet HTML 14Page - Linear Technology LT3782AIUFD Datasheet HTML 15Page - Linear Technology LT3782AIUFD Datasheet HTML 16Page - Linear Technology LT3782AIUFD Datasheet HTML 17Page - Linear Technology LT3782AIUFD Datasheet HTML 18Page - Linear Technology LT3782AIUFD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3782A
15
3782af
3. The I2R losses in the sense resistor can be calculated
almost by inspection.
PR(SENSE) =
IO(MAX)
2
1– DMAX
2
•R •DMAX
4. The losses in the inductor are simply the DC input cur-
rent squared times the winding resistance. Expressing
this loss as a function of the output current yields:
PR(WINDING) =
IO(MAX)
2
1– DMAX
2
•RW
5. Losses in the boost diode. The power dissipation in the
boost diode is:
P
DIODE =
I
O(MAX)
2
•V
D
The boost diode can be a major source of power loss
in a boost converter. For 13.2V input, 42V output at 3A,
a Schottky diode with a 0.4V forward voltage would
dissipate 600mW, which represents about 1% of the
input power. Diode losses can become significant at
low output voltages where the forward voltage is a
significant percentage of the output voltage.
6. Other losses, including CIN and CO ESR dissipation and
inductor core losses, generally account for less than
2% of the total losses.
PCB Layout Considerations
To achieve best performance from an LT3782A circuit, the
PC board layout must be carefully done. For lower power
applications, a two-layer PC board is sufficient. However,
at higher power levels, a multiplayer PC board is recom-
mended. Using a solid ground plane under the circuit is
the easiest way to ensure that switching noise does not
affect the operation.
In order to help dissipate the power from MOSFETs and
diodes, keep the ground plane on the layers closest to the
layers where power components are mounted. Use power
planes for MOSFETs and diodes in order to improve the
spreading of the heat from these components into the
PCB.
For best electrical performance, the LT3782A circuit should
be laid out as follows:
Place all power components in a tight area. This will
minimize the size of high current loops. Orient the input
and output capacitors and current sense resistors in a way
that minimizes the distance between the pads connected
to ground plane.
Place the LT3782A and associated components tightly to-
gether and next to the section with power components.
Use a local via to ground plane for all pads that connect to
ground. Use multiple vias for power components.
Connect the current sense inputs of LT3782A directly
to the current sense resistor pads. Connect the current
sense traces on the opposite sides of pads from the traces
carrying the MOSFETs source currents to ground. This
technique is referred to as Kelvin sensing.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com