Electronic Components Datasheet Search
  English  ▼

X  

LT3782AIUFD Datasheet(PDF) 16 Page - Linear Technology

Part # LT3782AIUFD
Description  2-Phase Step-Up DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3782AIUFD Datasheet HTML 12Page - Linear Technology LT3782AIUFD Datasheet HTML 13Page - Linear Technology LT3782AIUFD Datasheet HTML 14Page - Linear Technology LT3782AIUFD Datasheet HTML 15Page - Linear Technology LT3782AIUFD Datasheet HTML 16Page - Linear Technology LT3782AIUFD Datasheet HTML 17Page - Linear Technology LT3782AIUFD Datasheet HTML 18Page - Linear Technology LT3782AIUFD Datasheet HTML 19Page - Linear Technology LT3782AIUFD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3782A
16
3782af
IOUT (A)
0
100
96
98
94
92
90
88
86
7
3782A TA02b
12
4
6
3
5
8
12VIN
15VIN
Efficiency
10Ω
CS2
COUT2
330μF, 35V, ×2
27
26
25
24
23
22
21
20
19
18
17
16
15
28
2
3
4
5
6
7
8
9
10
11
12
13
14
1
10Ω
CS1
59k
82k
274k
825k
2R2
24.9k
221k
RC1
13.3k
10nF
4.7nF
CC2
100pF
CC1
6.8nF
2.2μF
CIN
22μF
25V
COUT1
22μF, 25V, ×4
10nF
1μF
3782A TA02
10V TO 24V INPUT
Q1
PH3330
Q2
PH3330
OUTPUT
24V
8A
L1, L2: PULSE PB2020-103
ALL CERAMIC CAPACITORS ARE X7R, TDK
*OUTPUT CURRENT WITH BOTH INPUTS PRESENT
L1
PB2020-103
D1
UPS840
L2
PB2020-103
D2
UPS840
CS1
CS2
0.004Ω
0.004Ω
LT3782A
VCC
NC
NC
VEE1
BGATE1
GBIAS1
GBIAS2
BGATE2
VEE2
NC
RUN
FB
VC
GBIAS
SGATE1
NC
GND
SYNC
DELAY
DCL
SENSE1+
SENSE1–
SLOPE
RSET
SENSE2–
SENSE2+
SS
SGATE2
10V to 24V Input to 24V, 8A Output Boost Converter
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com