Electronic Components Datasheet Search
  English  ▼

X  

LT3782AIUFD Datasheet(PDF) 4 Page - Linear Technology

Part # LT3782AIUFD
Description  2-Phase Step-Up DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD Datasheet(HTML) 4 Page - Linear Technology

  LT3782AIUFD Datasheet HTML 1Page - Linear Technology LT3782AIUFD Datasheet HTML 2Page - Linear Technology LT3782AIUFD Datasheet HTML 3Page - Linear Technology LT3782AIUFD Datasheet HTML 4Page - Linear Technology LT3782AIUFD Datasheet HTML 5Page - Linear Technology LT3782AIUFD Datasheet HTML 6Page - Linear Technology LT3782AIUFD Datasheet HTML 7Page - Linear Technology LT3782AIUFD Datasheet HTML 8Page - Linear Technology LT3782AIUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3782A
4
3782af
VCC (V)
6
20
18
16
12
14
10
8
6
4
2
0
22
3782A G02
10
8
121620
26
14
18
30
24
28
VCC (V)
6
30
3782A G03
12
18
24
27
9
15
21
3
2
1
0
–1
–2
–3
–4
–5
12
10
8
6
4
2
0
–2
–4
ΔFREQUENCY
ΔVREF
IGBIAS (mA)
0
10.5
100
3782A G01
10.0
10.6
10.1
10.7
10.2
10.8
10.3
10.9
10.4
50
11.0
The
● denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. VCC = 13V, RSET = 80k, no load on any outputs, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3782AE is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LT3782AI is guaranteed
to meet performance specifications over the full –40°C to 125°C operating
junction temperature range.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
VGBIAS vs IGBIAS
ICC vs VCC
ΔVREF vs VCC, ΔFrequency vs VCC
(RSET = 80k)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver
VGBIAS
IGBIAS < 70mA
l
10.2
11
11.7
V
BGATE1, BGATE2 High Voltage
13V ≤ VCC ≤ 24V, IBGATE = –100mA
VCC = 8V, IBGATE = –100mA
l
l
7.8
3.8
9.2
5
10.5
V
V
BGATE1, BGATE2 Source Current (Peak)
Capacitive Load >22μF
Capacitive Load >50μF
3
4
A
A
BGATE1, BGATE2 Low Voltage
8V ≤ VCC ≤ 24V, IBGATE = 100mA
l
0.5
0.7
V
BGATE1, BGATE2 Sink Current (Peak)
Capacitive Load >22μF
Capacitive Load >50μF
3
4
A
A
SGATE1, SGATE2 High Voltage
8V ≤ VCC ≤ 24V, ISGATE = –20mA
l
4.5
5.5
6.7
V
SGATE1, SGATE2 Low Voltage
8V ≤ VCC ≤ 24V, ISGATE = 20mA
0.5
0.7
V
SGATE1, SGATE2 Peak Current
500pF Load
100
mA
Delay of BGATE High
DELAY Pin and RSET Pin Shorted
VDELAY = 1V
VDELAY = 0.5V
VDELAY = 0.25V
100
150
250
500
ns
ns
ns
ns
Delay Pin Input Current
VDELAY = 0.25V
l
–0.1
–0.3
μA
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com