Electronic Components Datasheet Search
  English  ▼

X  

LT3782AIUFD Datasheet(PDF) 14 Page - Linear Technology

Part # LT3782AIUFD
Description  2-Phase Step-Up DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3782AIUFD Datasheet HTML 10Page - Linear Technology LT3782AIUFD Datasheet HTML 11Page - Linear Technology LT3782AIUFD Datasheet HTML 12Page - Linear Technology LT3782AIUFD Datasheet HTML 13Page - Linear Technology LT3782AIUFD Datasheet HTML 14Page - Linear Technology LT3782AIUFD Datasheet HTML 15Page - Linear Technology LT3782AIUFD Datasheet HTML 16Page - Linear Technology LT3782AIUFD Datasheet HTML 17Page - Linear Technology LT3782AIUFD Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3782A
14
3782af
For a given VIN and VOUT, we can calculate the duty cycle D
and then derive the output RMS ripple current from Figure
6. After choosing output capacitors with sufficient RMS
ripple current rating, we also need to consider the ESR
requirement if electrolytic caps, tantulum caps, POSCAPs
or SP CAPs are selected. Given the required output ripple
voltage spec ΔVOUT (in RMS value) and the calculated RMS
ripple current ΔIOUT, one can estimate the ESR value of
the output capacitor to be
ESR ≤
ΔVOUT
ΔIOUT
External Regulator to Bias Gate Drivers
For applications with VINhigherthan24V,theICtemperature
may get too high. To reduce heat, an external regulator
between 12V to 14V should be used to override the internal
VGBIAS regulator to supply the current needed for BGATE1
and BGATE2 (see Figure 7).
Efficiency Considerations
The efficiency of a switching regulator is equal to the out-
put power divided by the input power (¥100%). Percent
efficiency can be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 + …),
where L1, L2, etc. are the individual loss components
as a percentage of the input power. It is often useful to
analyze individual losses to determine what is limiting
the efficiency and which change would produce the most
improvement. Although all dissipative elements in the
circuit produce losses, four main sources usually account
for the majority of the losses in LT3782A application
circuits:
1. The supply current into VIN. The VIN current is the sum
of the DC supply current IQ (given in the Electrical Char-
acteristics) and the MOSFET driver and control currents.
The DC supply current into the VIN pin is typically about
7mA and represents a small power loss (much less
than 1%) that increases with VIN. The driver current
results from switching the gate capacitance of the power
MOSFET; this current is typically much larger than the
DC current. Each time the MOSFET is switched on and
then off, a packet of gate charge QG is transferred from
GBIAS to ground. The resulting dQ/dt is a current that
must be supplied to the GBIAS capacitor through the
VIN pin by an external supply. In normal operation:
IQ(TOT) ≈ IQ = f • QG
PIC = VIN • (IQ + f • QG)
2. Power MOSFET switching and conduction losses:
PFET =
IO(MAX)
2
1– DMAX
2
•RDS(ON) •DMAX • T
+ k• VO
2 •
IO(MAX)
2
1– DMAX
•CRSS •f
Figure 7
3782A F07
2μF
12V
+
GBIAS
GBIAS1
GBIAS2
LT3782A
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com