Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology LTC4265 Datasheet HTML 10Page - Linear Technology LTC4265 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4265
7
4265f
APPLICATIONS INFORMATION
These modes satisfy the requirements defined in the IEEE
802.3af/at specification.
Table 1. LTC4265 Modes of Operation as a Function
of Input Voltage
GND (V)
LTC4265 MODES OF OPERATION
0V to 1.4V
Inactive (Reset After 1st Classification Event)
1.5V to 9.8V
(5.4V to 9.8V)
25k Signature Resistor Detection Before 1st
Classification Event (Mark, 11k Signature
Corrupt After 1st Classification Event)
12.5V to ON/UVLO* Classification Load Current Active
ON/UVLO* to 60V
Inrush and Power Applied To PD Load
>71V
Overvoltage Lockout, 4265 Operations are Disabled
*ON/UVLO includes hysteresis. Rising input threshold, 37.2V Max.
Falling input threshold, 30V Min.
INPUT DIODE BRIDGE
In the IEEE 802.3af/at standard, the modes of operation
reference the input voltage at the PD’s RJ45 connector.
Since the PD must handle power received in either polarity
from either the data or the spare pair, input diode bridges
BR1 and BR2 are connected between the RJ45 connector
and the LTC4265 (Figure 2).
RX–
6
RX+
3
TX–
2
TX+
RJ45
T1
POWERED
DEVICE (PD)
INPUT
4265 F02
1
7
8
5
4
SPARE–
SPARE+
TO PHY
BR2
0.1μF
100V
BR1
GND
D3
LTC4265
VIN
Figure 2. PD Front End Using Diode Bridges on Main and Spare Inputs
The input diode bridge introduces a voltage drop that
affects the range for each mode of operation. The LTC4265
compensates for these voltage drops so that a PD built with
the LTC4265 meets the IEEE 802.3af/at-established voltage
ranges. Note that the Electrical Specifications reference
with respect to the LTC4265 package pins.
DETECTION
During detection, the PSE looks for a 25k signature resis-
tor which identifies the device as a PD. The PSE will apply
two voltages in the range of 2.8V to 10V and measures
the corresponding currents. Figure 1 shows the detection
voltages V1 and V2 and the corresponding PD current. The
PSE calculates the signature resistance using the
ΔV/ΔI
measurement technique.
The LTC4265 presents its precision, temperature-compen-
sated 25k resistor between the GND and VIN pins, alerting
the PSE that a PD is present and requests power to be
applied. The LTC4265 signature resistor also compensates
for the additional series resistance introduced by the input
diode bridge. Thus a PD built with the LTC4265 conforms
to the IEEE 802.3af/at detection specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com